Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

489D335X016B20V Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 489D335X016B20V
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D335X016B20V Datasheet(HTML) 6 Page - Vishay Siliconix

  489D335X016B20V Datasheet HTML 1Page - Vishay Siliconix 489D335X016B20V Datasheet HTML 2Page - Vishay Siliconix 489D335X016B20V Datasheet HTML 3Page - Vishay Siliconix 489D335X016B20V Datasheet HTML 4Page - Vishay Siliconix 489D335X016B20V Datasheet HTML 5Page - Vishay Siliconix 489D335X016B20V Datasheet HTML 6Page - Vishay Siliconix 489D335X016B20V Datasheet HTML 7Page - Vishay Siliconix 489D335X016B20V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
489D, 499D
Vishay Sprague
Document Number 42070
Revision 02-Aug-02
110
For technical questions, contact eurotant@vishay.com
PERFORMANCE CHARACTERISTICS
1. Operating Temperature: - 55°C to + 85°C with rated DC
voltage U
R applied. + 85°C to + 125°C with linear voltage
derating to category voltage U
C for 499D only (see general
information)
2. Capacitance and Tolerance: Capacitance measured at
100Hz and + 25°C shall be within the specified tolerance
limits of the nominal rating. Capacitance measurement
shall be made by means of a polarized capacitance bridge.
No polarizing voltage is required. The maximum voltage
applied during measurements shall be 0.5 volt rms at 100 Hz
and + 25°C.
3. Reverse Voltage: These capacitors are capable of
withstanding peak voltage in the reverse direction equal
to:
15% of the rated DC voltage at + 20°C
10% of the rated DC voltage at + 25°C
5% of the rated DC voltage at + 85°C
4. Surge Voltage:
DC rated voltage at + 85°C (V)
3 6.3 10
16 20
25 35
50
DC surge voltage at + 85°C (V)
4
8
13
20 26
32 46
65
DC rated voltage at + 125°C. (V)* 2
4
7
10 13
17 23
33
DC surge voltage at + 125°C. (V)* 2.6 5.2 8.6 13 16
21 28
40
Capacitors shall withstand the surge voltage applied in
series with a 1000 ohm (± 5%) resistor, at the rate of one
half-minute on, five and a half-minute off for 1000
successive test cycles at + 85°C. After test, capacitance
change shall not exceed 10% of initial value, dissipation
factor and DC leakage current shall meet initial
requirements at + 25°C - Table 2.
5. Stability at low and high temperatures:
TEMP.
CAPACITANCE CHANGE
DC LEAKAGE CURRENT*
- 55°C- 10% of initial value
-----------
+ 25°C
-------------
0.015 C
R x UR or 1µA,
whichever is greater
+ 85°C+ 10% of initial value
0.15 C
R x UR or 10µA,
whichever is greater
6. Life Test: After 2000 hours at + 85°C with rated DC
voltage applied, or after 1000 hours at + 125°C. with
derated DC voltage*, capacitors shall meet the
requirements in table below. (*only for 499D)
7. Humidity Test: After 21 days (504 hours) * at + 40°C, 90
to 95% of relative humidity (per IEC 68-2-3) with no voltage
applied, capacitors shall meet the requirements in table
below.
* Humidity test is 56 days (1350 hours) for 499D
8. Marking
: The capacitors shall be marked with the rated
capacitance and the rated DC working voltage. A code
may be used for both capacitance and voltage. Units rated
at 6.3 volts are usually marked as 6 volts.
The package shall be marked with full Vishay Sprague
part number, date code and quantity.
TEMP.
CAPACITANCE CHANGE
DC LEAKAGE CURRENT*
- 55°C- 10% of initial value
-------------
+ 25°C
------------
0.008 CR x UR or 0.5µA,
whichever is greater
+ 85°C+ 10% of initial value
0.08 C
R x UR or 5µA,
whichever is greater
+ 125°C**
+ 10% of initial value
0.1 C
R x UR or 6.25µA,
whichever is greater
Capacitance change
Within ± 10% of initial value
DC leakage current
Within initial requirements at + 25°C
Dissipation factor
Within initial requirements at + 25°C
Capacitance change
Within ± 5% of initial value
DC leakage current Within initial requirements at + 25°C - Table 2
Dissipation factor
Within initial requirements at + 25°C - Table 2
489D - Table 2A
499D - Table 2B
DISSIPATION FACTOR @ 100 HZ
C
R ≤ 1.5µF
4% max
1.5µF < C
R < 10µF
6% max
10µF < C
R < 100µF
8% max
100µF ≤ C
R ≤ 330µF
10% max
330µF < C
R
12% max
DISSIPATION FACTOR @ 100 HZ
C
R ≤ 1.5µF
4% max
1.5µF < C
R < 10µF
6% max
10µF < C
R < 100µF
8% max
100µF ≤ C
R ≤ 330µF
10% max
330µF < C
R
12% max
* Rated voltage applied for 5 minutes with a series resistor of 1000 ohm
** Only for 499 D
*For 499D
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors


Similar Part No. - 489D335X016B20V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D VISHAY-489D Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D686X06R3D1A VISHAY-489D686X06R3D1A Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
More results

Similar Description - 489D335X016B20V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com