Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGB3306S24Q1 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AGB3306S24Q1
Description  50W High Linearity Low Noise Wideband Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AGB3306S24Q1 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AGB3306S24Q1 Datasheet HTML 1Page - ANADIGICS, Inc AGB3306S24Q1 Datasheet HTML 2Page - ANADIGICS, Inc AGB3306S24Q1 Datasheet HTML 3Page - ANADIGICS, Inc AGB3306S24Q1 Datasheet HTML 4Page - ANADIGICS, Inc AGB3306S24Q1 Datasheet HTML 5Page - ANADIGICS, Inc AGB3306S24Q1 Datasheet HTML 6Page - ANADIGICS, Inc AGB3306S24Q1 Datasheet HTML 7Page - ANADIGICS, Inc AGB3306S24Q1 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.2
07/2003
AGB3306
Table 4: Electrical Specifications
(TA = +25 °C, VSUPPLY = +8 VDC, 50
Ω System)
Notes:
(1) OIP3 is measured with two tones at 1 MHz spacing at 0 dBm output power
per tone.
(2) The value for Thermal Resistance is based on a Device Voltage (VCC) of
+3.8 Volts.
3. Performance as measured on ANADIGICS test fixture (see Figure 3).
Figure 3: Application Circuit (50
Ω Terminations)
CC
AGB3306
RF Choke
DC Block
DC Block
Bypass
RF
Input
RF
Output
SUPPLY
120
W
Rs
0.01 F
m
100 nH
0.01 F
m
0.01 F
m
100 pF
10 pF
V
V
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
(
n
i
a
G
1
2
)
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
4
1
2
z
H
M
0
5
4
2
-
-
-
-
6
.
0
2
7
.
8
1
2
.
8
1
7
.
7
1
-
-
-
-
B
d
3
P
I
t
u
p
t
u
O
)
1
(
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
4
1
2
z
H
M
0
5
4
2
-
-
-
-
5
.
7
2
+
4
.
7
2
+
8
.
7
2
+
0
.
7
2
+
-
-
-
-
m
B
d
)
B
d
1
P
(
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
u
p
t
u
O
z
H
M
0
5
9
1-
6
.
4
1
+-
m
B
d
e
r
u
g
i
F
e
s
i
o
N
z
H
M
0
5
8-
5
.
4-
B
d
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ C
J
) )2
(
-0
2
4-
W
/
C
°
t
n
e
r
r
u
C
y
l
p
p
u
S-
3
3-
A
m
(ICC)


Similar Part No. - AGB3306S24Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
   50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3300S24Q1 ANADIGICS-AGB3300S24Q1 Datasheet
281Kb / 16P
   50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301 ANADIGICS-AGB3301 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
AGB3301RS24Q1 ANADIGICS-AGB3301RS24Q1 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
More results

Similar Description - AGB3306S24Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
   50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
AGB3303 ANADIGICS-AGB3303 Datasheet
192Kb / 8P
   50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3307 ANADIGICS-AGB3307 Datasheet
271Kb / 8P
   50-ohm High Linearity Low Noise Wideband Gain Block
AGB3309 ANADIGICS-AGB3309 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3311 ANADIGICS-AGB3311 Datasheet
295Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3312 ANADIGICS-AGB3312 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3302 ANADIGICS-AGB3302 Datasheet
199Kb / 8P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com