Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

277 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 277
Description  Precision Isolation Amplifier High CMV/CMR,-5V Floating
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

277 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  277 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Information furnished by Intronics is believed to be accurate and reliable. However, no
responsibility is assumed by Intronics for its use; nor for any infringements of patents or
other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Intronics.
FEATURES
Versatile Op Amp Front End: Inverting, Non-Inverting,
Differential Applications
Low Nonlinearity: 0.025% max, Model 277K
Low Input Offset Voltage Drift: 1
µV/°C max, Model 277K
Floating Power Output: ±15V @ ±15mA
High CMR: 160dB min @ dc
High CMV: 3500V rms
1400 Providence Highway, Building #2
Norwood, MA 02062
Phone (781) 551-5500
FAX (781) 551-5555
www.intronicspower.com
APPLICATIONS
Programmable Gain Isolated Amplifier
Isolated Power Source and Amplifier for Bridge
Measurements Instrumentation Amplifier
Instrumentation Grade Process Signal Isolator
Current Shunt Measurements
GENERAL DESCRIPTION
Model 277 is a versatile isolation amplifier which combines a high-
performance, uncommitted operational amplifier front end with a
precision, isolated output stage and a floating power supply section.
This configuration, shown in Figure 1, makes the 277 ideally suited to
instrumentation applications where the need for various forms of signal
conditioning, high CMV protection and isolated transducer power
requirements are encountered.
The input stage is a low drift (±1
µV/°C max, model 277K) differential
op amp that may be connected for use in inverting, non-inverting and
differential configurations. The circuitry employed around the
operational amplifier input stage can be designed by the user to suit
each application's particular signal processing needs. A full ±10V
signal range is available at the output of the front-end amplifier.
output stage's low nonlinearity (0.05%, models 277J/A and 0.025%
model 277K), these high CMR and CMV ratings facilitate accurate
measurements in the presence of noisy electrical equipment such as
motors and relays. In addition, model 277A offers a -25
°C to +85°C
rated operating temperature range. All versions of model 277 have a
±10 volt output range.
The floating power supply section provides isolated ±15 volt outputs
capable of delivering currents up to ±15mA. This feature permits
model 277 to power transducers and auxiliary isolated circuitry,
thereby eliminating the need for a separate isolated DC/DC converter.
All of the features of the model 277 isolation amplifier are packaged
in a compact (3" x 2.2" x 0.59") module. As an assurance of high
performance reliability, every model 277 is factory tested for CMV
rating by application of 3500V rms (±4900V peak) between input and
output common terminals for one minute (meets NEMA and CSA
requirements for 660Vrms service.) In addition, the 277 has a
calculated MTBF of 133,000 hours.
The isolated output stage includes a special modulator/demodulator
technique which provides the 277 with l60dB minimum DC common
mode rejection between input and output common and an input-to-
output CMV rating of 3500V rms. When combined with the
Precision Isolation Amplifier
High CMV/CMR,
±15V Floating
Model 277
Figure 1. Model 277 Functional Block Diagram


Similar Part No. - 277

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
277 INTRONICS-277 Datasheet
988Kb / 4P
   Precision Isolation Amplifier High CMV/CMR, 짹15V Floating Power
logo
Littelfuse
277 LITTELFUSE-277 Datasheet
179Kb / 1P
   277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
logo
Skyworks Solutions Inc.
277-1273-ND SKYWORKS-277-1273-ND Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
277-1274-ND SKYWORKS-277-1274-ND Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
PHOENIX CONTACT
277-9852-ND PHOENIX-277-9852-ND Datasheet
81Kb / 5P
   Sensor/Actuator cable - SAC-4P- 2,0-542/M8 FS BK
12.07.2013
More results

Similar Description - 277

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
277 INTRONICS-277 Datasheet
988Kb / 4P
   Precision Isolation Amplifier High CMV/CMR, 짹15V Floating Power
logo
List of Unclassifed Man...
284J ETC-284J Datasheet
38Kb / 1P
   High CMV, High Performance Isolation Amplifiers
logo
Intronics Power, Inc.
248J INTRONICS-248J Datasheet
1Mb / 6P
   High CMV, High Performance Isolation Amplifiers
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HPCL7800 HP-HPCL7800 Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800 HP-HCPL-7800 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7820 HP-HCPL-7820 Datasheet
228Kb / 15P
   High CMR Analog Isolation Amplifiers
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com