Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40TPS Datasheet(PDF) 3 Page - International Rectifier

Part # 40TPS
Description  PHASE CONTROL SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TPS Datasheet(HTML) 3 Page - International Rectifier

  40TPS Datasheet HTML 1Page - International Rectifier 40TPS Datasheet HTML 2Page - International Rectifier 40TPS Datasheet HTML 3Page - International Rectifier 40TPS Datasheet HTML 4Page - International Rectifier 40TPS Datasheet HTML 5Page - International Rectifier 40TPS Datasheet HTML 6Page - International Rectifier 40TPS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
40TPS.. SAFE
IR Series
Bulletin I2107 rev. F 03/03
www.irf.com
PGM Max. peak Gate Power
10
W
P
G(AV) Max. average Gate Power
2.5
I
GM
Max. peak Gate Current
2.5
A
- V
GM Max. peak negative Gate Voltage
10
V
V
GT
Max. required DC Gate Voltage
4.0
TJ = - 40°C
Anode supply = 6V
to trigger
2.5
TJ = 25°C
resistive load
1.7
TJ = 125°C
I
GT
Max. required DC Gate Current
270
mA
TJ = - 40°C
to trigger
150
TJ = 25°C
80
TJ = 125°C
40
TJ = 25°C, for 40TPS08A
V
GD
Max. DC Gate Voltage not to trigger
0.25
V
TJ = 125°C, VDRM = rated value
I
GD
Max. DC Gate Current not to trigger
6
mA
Parameters
40TPS..
Units
Conditions
Triggering
Thermal-Mechanical Specifications
TJ
Max. Junction Temperature Range - 40 to 125
°C
T
stg
Max. Storage Temperature Range
- 40 to 125
R
thJC Max. Thermal Resistance Junction
0.6
°C/W
DC operation
to Case
R
thJA Max. Thermal Resistance Junction
40
to Ambient
R
thCS Max. Thermal Resistance Case
0.2
Mounting surface, smooth and greased
to Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Kg-cm
Max.
12 (10)
(lbf-in)
Case Style
TO-247AC
Parameters
40TPS..
Units
Conditions


Similar Part No. - 40TPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TPS08 VISHAY-40TPS08 Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
40TPS08A VISHAY-40TPS08A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
logo
Inchange Semiconductor ...
40TPS08A ISC-40TPS08A Datasheet
249Kb / 2P
   isc Thyristors
logo
Vishay Siliconix
40TPS08APBF VISHAY-40TPS08APBF Datasheet
191Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 02-Jun-15
40TPS08PBF VISHAY-40TPS08PBF Datasheet
191Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 02-Jun-15
More results

Similar Description - 40TPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com