Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

307C1518 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 307C1518
Description  PTCR Motor Start Pellets
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

307C1518 Datasheet(HTML) 1 Page - Vishay Siliconix

  307C1518 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
9
307C Motorstart Thermistors
Vishay Cera-Mite
Document Number: 23087
Revision 14-May-02
ceramite.support@vishay.com
PTCR Motor Start Pellets
APPLICATION DATA
• Complete range of size/resistance combinations for 120 and 240 volt
compressor motors.
• Rugged silver electrodes well suited for long life pressure contact
mounting.
• Withstand voltage is 2 times Voltage Max. rating.
• Application engineering assistance provided for custom
pellet designs.
RESISTANCE
VOLTAGE CURRENT DIAMETER (D) x
MAX.
MAX.
THICKNESS (T)
PART
R25 (OHMS) RDYN (OHMS)
(VRMS)(ARMS)
(mm)
NUMBER
5
4
200
10
16 x 2.5
307C1674*
5.5
4.2
180
12
16 x 2.5
307C1670
6.8
5
200
10
16 x 2.5
307C1700*
8
5.8
150
10
16 x 2.5
307C1280
10
7.2
200
10
16 x 2.5
307C1711*
10
7.2
200
10
16 x 2.5
307C1713
20
13.5
250
7.5
16 x 2.5
307C1490
47
30
300
6.5
16 x 2.5
307C1136
68
42
300
5.5
16 x 2.5
307C1043
4
3.2
180
15
17.5 x 2.5
307C1614
5
4
180
12
17.5 x 2.5
307C1668
6.8
5
200
10
17.5 x 2.5
307C1644
10
7.2
200
10
17.5 x 2.5
307C1651
15
10.5
265
6
17.5 x 2.5
307C1190
20
13
320
8
17.5 x 2.5
307C1720
25
17
300
7.5
17.5 x 2.5
307C1066
33
22
300
6.5
17.5 x 2.5
307C1040
47
30
350
4
17.5 x 2.5
307C1284
68
42
400
4
17.5 x 2.5
307C1283
3.3
2.6
160
12
20 x 2.5
307C1411
4.7
3.5
180
12
20 x 2.5
307C1484
5.6
4.1
180
12
20 x 2.5
307C1544
6.8
5
200
10
20 x 2.5
307C1399
10
7.2
230
9
20 x 2.5
307C1489
12
8.5
250
8.5
20 x 2.5
307C1476
15
10.5
300
8
20 x 2.5
307C1530
22
15
400
8
20 x 2.5
307C1531
33
22
355
6
20 x 2.5
307C1282
47
30
400
5
20 x 2.5
307C1533
68
42
430
4
20 x 2.5
307C1292
3.9
3 (@ 50V)
175
16
20 x 3.2
307C1487
12
10.3 (@ 100V)
350
8
20 x 3.2
307C1529
14
12 (@ 100V)
350
8
20 x 3.2
307C1545
30
15.9 (@ 240V)
380
12
20 x 3.2
307C1640
25
18 (@ 240V)
400
9
20 x 5.0
307C1518
38
25 (@ 240V)
400
9
20 x 5.0
307C1024
50
35 (@ 240V)
400
7.5
20 x 5.0
307C1409
75
50 (@ 240V)
400
5.5
20 x 5.0
307C1410
R25 = zero power resistance
± 30% at 25°C; other tolerances available.
RDYN = nominal dynamic (effective) resistance, 120V applied unless otherwise noted.
*High performance ceramic formulation, lower transition temperature provides reduced
power consumption for energy concious applications.
Note: All motor start pellets receive 100% resistance and 100% voltage pulse burn-in
simulating actual motor start-up.
Note: Selected pellets carry UL recognition per File E107611.
Note: Usage requires packaging materials appropriate for maximum pellet surface
temperature of 180
°C.
Motor Start Relays
Combination Assemblies
Vishay Cera-Mite offers a complete line of PTCR
motor start pellets designed for OEM pressure
contact mounting. Compressor and refrigerator
manufacturers, as well as selected HVAC after-
market distributors have chosen to design and
build their own proprietary motor start devices.
Such cost effective units allow for unique mounting
styles, special terminal arrangements, and
combination devices including start capacitors or
overload protectors.
PTCR MOTOR START PELLETS
FOR USE IN:
SOLID CERAMIC
DISC
BASE
ELECTRODE
SILVER
ELECTRODE
T
D


Similar Part No. - 307C1518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1514 VISHAY-307C1514 Datasheet
120Kb / 5P
   PTCR Overcurrent Protection
Revision 14-May-02
More results

Similar Description - 307C1518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
   Thermistors Motor Start Pellets
Revision: 11-Aug-10
305C21 VISHAY-305C21 Datasheet
177Kb / 6P
   PTCR Motor Start Packages PSC Single Phase Motor Start Assist
Revision 14-May-02
PTC307C VISHAY-PTC307C_V01 Datasheet
84Kb / 3P
   PTC Thermistors Motor Start Pellets
01-Jan-2022
logo
NTE Electronics
MSCH-01 NTE-MSCH-01 Datasheet
561Kb / 1P
   MOTOR START HARDWARE
logo
Vishay Siliconix
307C1127 VISHAY-307C1127 Datasheet
120Kb / 5P
   PTCR Overcurrent Protection
Revision 14-May-02
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
   Thermistors Motor Start Packages
Revision: 11-Sep-15
logo
NTE Electronics
MSC125V21 NTE-MSC125V21_12 Datasheet
2Mb / 3P
   MOTOR START AC ELECTROLYTIC
MSC125V21 NTE-MSC125V21 Datasheet
22Kb / 3P
   MOTOR START AC ELECTROLYTIC
logo
American Zettler, Inc.
ZCPR AZETTLER-ZCPR Datasheet
463Kb / 4P
   MOTOR START POTENTIAL RELAY
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com