Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

307C1429 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 307C1429
Description  PTCR Overcurrent Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

307C1429 Datasheet(HTML) 1 Page - Vishay Siliconix

  307C1429 Datasheet HTML 1Page - Vishay Siliconix 307C1429 Datasheet HTML 2Page - Vishay Siliconix 307C1429 Datasheet HTML 3Page - Vishay Siliconix 307C1429 Datasheet HTML 4Page - Vishay Siliconix 307C1429 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
11
307C Overcurrent Thermistors
Vishay Cera-Mite
Document Number: 23089
Revision 14-May-02
ceramite.support@vishay.com
PTCR Overcurrent Protection
FEATURES:
Sizes For Your Application - Hold currents from 5 mA to 1.5 A are available
in sizes from 4 to 22mm.
Better Protection, Maintenance Free - PTCRs reset after an overcurrent
situation. Protection levels may be set lower than possible with fuses, without
worrying about nuisance trips.
Resetting, Non Cycling - Functioning as a manual reset device, PTCR
overcurrent protectors remain latched in the tripped state and automatically
reset only after voltage has been removed. This prevents continuous cycling,
and protects against reclosing into a fault condition.
Simplified Mounting - PTCRs may be mounted directly inside end use
equipment. Unlike fuses, no bulky fuseholder or access for user replacement
is required.
Ceramic Material Selection - Various curie materials are available to tailor
hold and trip current operating points.
Repeatable, No Hysteresis - After resetting, ceramic PTCRs return to the
initial resistance value, providing repeatable, consistent protection levels.
Unlike polymer type PTCRs, Vishay Cera-Mite devices exhibit no resistance
hysteresis application problems.
Telecom Line Balance - In telecom circuits matched pairs are used to
maintain line balance. Unlike polymer PTCRs, ceramic devices maintain
balance after resetting.
A NEW DIMENSION
The Positive Temperature Coefficient
Resistor’s (PTC thermistor) unique property
of dramatically increasing its resistance
above the curie temperature makes it
an excellent candidate for overcurrent
protection applications. Overcurrent
situations in electronic devices occur
due to voltage fluctuations, changes in
load impedance, or problems with system
wiring. PTC thermistors monitor current in
series connected loads, trip in the event
of excess current, and reset after the
overload situation is removed, creating a
new dimension of flexibility for designers.
APPLICATIONS:
Telecommunication Products
Electronic Power Supplies
Automotive Motor Protection
Industrial Control Systems
In a typical current limiter application, the PTC device is connected in series
with a load impedance (Fig P-1). When current (I) flows, internal I
2R losses
attempt to increase the PTCR’s temperature. To maintain the low resistance
“on” state, stabilization must occur below the switching temperature, where
the heat generated (I
2R) is balanced by heat lost due to radiation and
conduction.
Hold current (I
H) is the maximum continuous current at which a PTCR can
be maintained in a low resistance “on” state while operating at rated ambient
temperature (typ 25°C). To prevent nuisance tripping, choose the rated hold
current to be greater than the normal current expected.
Since heat dissipated by the device is proportional to the ambient temperature,
hold current must be derated for ambients higher than 25°C according to
the following relationship:
Hold Current (I
H ) =
D( T
SW - TA)
R
PTC
Where:
D
= Dissipation Constant
(varies based on disc
size, wire type, &
coating material)
T
SW =
Switching (Curie)
Temperature of
PTCR Material
T
A
= Ambient Temperature
R
PTC =
Resistance of PTCR
at 25°C
Fig P-1
Typical PTC Current Limiter Application
This relationship is shown in Fig P-2,
which provides hold current (I
H) derating
estimates for ambient temperatures in
excess of 25°C. Five curie materials
illustrate the design flexibility offered by
ceramic PTCR’s.
Fig P-2
PTC Thermistor Overcurrent Protectors
Ambient Temperature Derating of Hold and
Trip Currents
LOAD
PTC
V
AC
or
DC
Ambient Temperature (°C)
-10 0
10
20 30
40
50 60
70 80
90 100 110 120
70°C Curie Material
80°C Curie Material
90°C Curie Material
105°C Curie Material
120°C Curie Material
140%
120%
100%
80%
60%
40%
20%
0%
APPLICATION DATA


Similar Part No. - 307C1429

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1422 VISHAY-307C1422 Datasheet
257Kb / 1P
   PTC Thermistors For Electronic Fluorescent Ballasts
Revision 14-May-02
More results

Similar Description - 307C1429

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59884C0120A070 EPCOS-B59884C0120A070 Datasheet
69Kb / 3P
   Overcurrent Protection
B59101P1080A062 EPCOS-B59101P1080A062 Datasheet
83Kb / 4P
   Overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070 Datasheet
156Kb / 11P
   Overcurrent Protection
logo
STMicroelectronics
STEVAL-ISA008V1 STMICROELECTRONICS-STEVAL-ISA008V1 Datasheet
126Kb / 4P
   Overcurrent protection
November 2010 Rev 1
logo
Tyco Electronics
RGEF1100 MACOM-RGEF1100 Datasheet
47Kb / 1P
   Overcurrent Protection Device
TRF600-150-RB MACOM-TRF600-150-RB Datasheet
88Kb / 1P
   Overcurrent Protection Device
AHS080-2018 MACOM-AHS080-2018 Datasheet
35Kb / 1P
   Overcurrent Protection Device
TRF250-180S MACOM-TRF250-180S Datasheet
84Kb / 1P
   Overcurrent Protection Device
logo
Littelfuse
AGRF700 LITTELFUSE-AGRF700 Datasheet
353Kb / 2P
   Overcurrent Protection Device
AGRF1200 LITTELFUSE-AGRF1200 Datasheet
355Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com