Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMX320C6413ZTS500 Datasheet(PDF) 79 Page - Texas Instruments

Part # SMX320C6413ZTS500
Description  Fixed-Point Digital Signal Processors
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMX320C6413ZTS500 Datasheet(HTML) 79 Page - Texas Instruments

Back Button SMX320C6413ZTS500 Datasheet HTML 75Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 76Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 77Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 78Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 79Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 80Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 81Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 82Page - Texas Instruments SMX320C6413ZTS500 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 140 page
background image
General-Purpose Input/Output (GPIO)
79
April 2004 − Revised May 2005
SPRS247E
Figure 4−3 is a block diagram of the I2C0 and I2C1 modules.
Clock
Prescale
I2CPSCx
Peripheral Clock
(CPU/4)
I2CCLKHx
Generator
Bit Clock
I2CCLKLx
Noise
Filter
SCL
I2CXSRx
I2CDXRx
Transmit
Transmit
Shift
Transmit
Buffer
I2CDRRx
Shift
I2CRSRx
Receive
Buffer
Receive
Receive
Filter
SDA
I2C Data
Noise
I2COARx
I2CSARx
Slave
Address
Control
Address
Own
I2CMDRx
I2CCNTx
Mode
Data
Count
Source
Interrupt
Interrupt
Status
I2CISRCx
I2CSTRx
Enable
Interrupt
I2CIERx
Interrupt/DMA
I2Cx Module
NOTE A: Shading denotes control/status registers.
I2C Clock
I2CEMDRx
I2CPFUNCx
I2CPDIRx
I2CPDINx
I2CPDOUTx
I2CPDSETx
I2CPDCLRx
GPIO Control
Function
Pin
Direction
Pin
In
Pin Data
Out
Pin Data
Set
Pin Data
Clear
Pin Data
Extended
Mode
Figure 4−3. I2Cx Module Block Diagram
4.5
General-Purpose Input/Output (GPIO)
On the C6413/C6410 device the GPIO peripheral pins GP0[15:9] are muxed with the HPI peripheral pins
HD[15:9], respectively. By default, the HPI peripheral pin functions are enabled [TOUT0/HPI_EN pin internall
pulled low]. For more detailed information on device/peripheral configuration and the C6413/C6410 device
pin muxing, see the Device Configurations section of this data sheet.
To use the GP0[15:0] software-configurable GPIO pins, the GPxEN bits in the GP Enable (GPEN) Register
and the GPxDIR bits in the GP Direction (GPDIR) Register must be properly configured.
GPxEN =
1
GP[x] pin is enabled
GPxDIR =
0
GP[x] pin is an input
GPxDIR =
1
GP[x] pin is an output
where “x” represents one of the 15 through 0 GPIO pins
Figure 4−4 shows the GPIO enable bits in the GPEN register for the C6413/C6410 device. To use any of the
GPx pins as general-purpose input/output functions, the corresponding GPxEN bit must be set to “1”
(enabled). Default values are device-specific, so refer to Figure 4−4 for the C6413/C6410 default
configuration.


Similar Part No. - SMX320C6413ZTS500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMX320C6201BS14 TI-SMX320C6201BS14 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6201BS16 TI-SMX320C6201BS16 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6201BW14 TI-SMX320C6201BW14 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6201BW16 TI-SMX320C6201BW16 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMX320C6203S14 TI-SMX320C6203S14 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMX320C6413ZTS500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com