Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3650MGHG1 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # 3650MGHG1
Description  Optically-Coupled Linear ISOLATION AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

3650MGHG1 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button 3650MGHG1 Datasheet HTML 2Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 3Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 4Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 5Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 6Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 7Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 8Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 9Page - Burr-Brown (TI) 3650MGHG1 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
3650/52
DEFINITIONS
ISOLATION-MODE VOLTAGE, VISO
The isolation-mode voltage is the voltage which appears
across the isolation barrier, i.e., between the input common
and the output common. (See Figure 1.)
Two isolation voltages are given in the electrical specifica-
tions: “rated continuous” and “test voltage”. Since it is
impractical on a production basis to test a “continuous”
voltage (infinite test time is implied), it is a generally
accepted practice to test at a significantly higher voltage for
some reasonable length of time. For the 3650 and 3652, the
“test voltage” is equal to 1000V plus two times the “rated
continuous” voltage. Thus, for a continuous rating of 2000V,
each unit is tested at 5000V.
COMMON-MODE VOLTAGE, VCM
The common-mode voltage is the voltage midway between
the two inputs of the amplifier measured with respect to
input common. It is the algebraic average of the voltage
applied at the amplifiers’ input terminals. In the circuit in
Figure 1, (V+ + V)/2 = VCM. (NOTE: Many applications
involve a large system “common-mode voltage.” Usually in
such cases the term defined here as “VCM” is negligible and
the system “common-mode voltage” is applied to the ampli-
fier as “VISO” in Figure 1.)
ISOLATION-MODE REJECTION
The isolation-mode rejection is defined by the equation in
Figure 1. The isolation-mode rejection is not infinite be-
cause there is some leakage across the isolation barrier due
to the isolation resistance and capacitance.
FIGURE 1. Illustration of Isolation-Mode and Common-
Mode Specifications.
NONLINEARITY
Nonlinearity is specified to be the peak deviation from a best
straightline expressed as a percent of peak-to-peak full scale
output (i.e.
±10mV at 20Vp-p ≈ 0.05%).
THEORY OF OPERATION
Prior to the introduction of the 3650 family optical isolation
had not been practical in linear circuits. A single LED and
photodiode combination, while useful in a wide range of
digital isolation applications, has fundamental limitations—
primarily nonlinearity and instability as a function of time
and temperature.
The 3650 and 3652 use a unique technique to overcome the
limitations of the single LED and photodiode isolator.
Figure 2 is an elementary equivalent circuit for the 3650,
which can be used to understand the basic operation without
considering the cluttering details of offset adjustment and
biasing for bipolar operation.
FIGURE 2. Simplified Equivalent Circuit of Linear Isolator.
Two matched photodiodes are used—one in the input (CR3)
and one in the output stage (CR2)—to greatly reduce
nonlinearities and time-temperature instabilities. Amplifier
A1, LED CR1, and photodiode CR3 are used in a negative
feedback configuration such that I1 = IIN RG (where RG is the
user supplied gain setting resistor). Since CR2 and CR3 are
closely matched, and since they receive equal amounts of
light from the LED CR1 (i.e., λ1 = λ2), I2 = I1 = IIN. Amplifier
A2 is connected as a current-to-voltage converter with VOUT
= I2 RK where RK is an internal 1MΩ scaling resistor. Thus
the overall transfer function is:
VOUT = VIN
, (RG in Ωs)
This improved isolator circuit overcomes the primary
limitations of the single LED and photodiode combination.
The transfer function is now virtually independent of any
degradation in the LED output as long as the two photo-
diodes and optics are closely matched(1). Linearity is now a
NOTE: (1) The only effect of decreased LED output is a slight decrease in full
scale swing capability. See Typical Performance Curves.
C
(Output)
+
R
G1
R
G2
R
IN
V
ISO
V
CM
V
D
+
V+
V–
C
(Input)
I
L
V
OUT
Isolation Barrier
System
Ground
10
6
R
G1 + RG2 + RIN
V
CM
CMRR
V
OUT =
V
D +
+
V
ISO
IMRR
V
IN
V
OUT = VIN
R
K
R
G
A
1
R
G
Input Common
I
IN
+V
–V
I
1
λ1
λ2
CR
3
CR
1
CR
2
R
K
A
2
+V
CC
V
OUT
–V
CC
Output Common
I
2
I
2
I
3
Isolation Barrier
+
+
106
R
G


Similar Part No. - 3650MGHG1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3650MG TI-3650MG Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
More results

Similar Description - 3650MGHG1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
3650HG TI-3650HG Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
   Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com