Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514221B Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM514221B
Description  262,263-Word x 4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514221B Datasheet(HTML) 1 Page - OKI electronic componets

  MSM514221B Datasheet HTML 1Page - OKI electronic componets MSM514221B Datasheet HTML 2Page - OKI electronic componets MSM514221B Datasheet HTML 3Page - OKI electronic componets MSM514221B Datasheet HTML 4Page - OKI electronic componets MSM514221B Datasheet HTML 5Page - OKI electronic componets MSM514221B Datasheet HTML 6Page - OKI electronic componets MSM514221B Datasheet HTML 7Page - OKI electronic componets MSM514221B Datasheet HTML 8Page - OKI electronic componets MSM514221B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
¡ Semiconductor
MSM514221B
DESCRIRTION
The OKI MSM514221B is a high performance 1-Mbit, 256K ¥ 4-bit, Field Memory. It is designed
for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital
movies and Multi-media systems. It is a FRAM for wide or low end use as general commodity
TVs and VTRs, exclusively. The MSM514221B is not designed for the other use or high end use
in medical systems, professional graphics systems which require long term picture, and data
storage systems and others. The 1-Mbit capacity fits one field of a conventional NTSC TV screen.
Each of the 4-bit planes has separate serial write and read ports. These employ independent
control clocks to support asynchronous read and write operations. Different clock rates are also
supported that allow alternate data rates between write and read data streams.
The MSM514221B provides high speed FIFO, First-In First-Out, operation without external
refreshing: it refreshes its DRAM storage cells automatically, so that it appears fully static to the
users.
Moreover, fully static type memory cells and decoders for serial access enable refresh free serial
access operation, so that the serial read and/or write control clock can be halted high or low for
any duration as long as the power is on. Internal conflicts of memory access and refreshing
operations are prevented by special arbitration logic.
The MSM514221B's function is simple, and similar to a digital delay device whose delay-bit-
length is easily set by reset timing. The delay length, number of read delay clocks between write
and read, is determined by externally controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 256 ¥ 4-bit enable high
speed first-bit-access with no clock delay just after the write or read reset timings.
The MSM514221B is similar in operation and functionality to OKI 2-Mbit Field Memory
MSM518221.
¡ Semiconductor
MSM514221B
262,263-Word
¥ 4-Bit Field Memory
This version: Jan. 1998
Previous version: Dec. 1996
E2L0029-17-Y1


Similar Part No. - MSM514221B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
   262,263-Word x 4-Bit Field Memory
More results

Similar Description - MSM514221B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
   262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
   262,263-Word 횞 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com