Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54974PWP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54974PWP
Description  DUAL INPUT BUS (2.5V, 3.3V) 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54974PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS54974PWP Datasheet HTML 1Page - Texas Instruments TPS54974PWP Datasheet HTML 2Page - Texas Instruments TPS54974PWP Datasheet HTML 3Page - Texas Instruments TPS54974PWP Datasheet HTML 4Page - Texas Instruments TPS54974PWP Datasheet HTML 5Page - Texas Instruments TPS54974PWP Datasheet HTML 6Page - Texas Instruments TPS54974PWP Datasheet HTML 7Page - Texas Instruments TPS54974PWP Datasheet HTML 8Page - Texas Instruments TPS54974PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
RT
VIN
SS/ENA
VBIAS
PVIN
PVIN
PVIN
PVIN
PVIN
PGND
PGND
PGND
PGND
PGND
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
TPS54974
SLVS458B – JANUARY 2003 – REVISED FEBRUARY 2005
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
AGND
1
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, and RT
resistor. Connect PowerPAD to AGND.
BOOT
5
Bootstrap output. 0.022-µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating drive for the
high-side FET driver.
COMP
3
Error amplifier output. Connect frequency compensation network from COMP to VSENSE
PGND
15-19
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper
areas to the input and output supply returns, and negative terminals of the input and output capacitors. A single-point
connection to AGND is recommended.
PH
6-14
Phase output. Junction of the internal high-side and low-side power MOSFETs, and output inductor.
PVIN
20-24
Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to
device package with a high-quality, low-ESR 10-µF ceramic capacitor.
PWRGD
4
Power-good, open-drain output. High when VSENSE
≥ 90% V
ref, otherwise PWRGD is low. Note that output is low
when SS/ENA is low or the internal shutdown signal is active.
RT
28
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency, fs.
SS/ENA
26
Slow-start/enable input/output. Dual function pin which provides logic input to enable/disable device operation and
capacitor input to externally set the start-up time.
VBIAS
25
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with a
high-quality, low-ESR 0.1-µF to 1.0-µF ceramic capacitor.
VIN
27
Input supply for the internal bias regulator. An external capacitor of 1 µF to be connected to the VIN pin.
VSENSE
2
Error amplifier inverting input. Connect to output voltage compensation network/output divider.
5


Similar Part No. - TPS54974PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972 TI-TPS54972 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54972 TI1-TPS54972 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972PWP TI-TPS54972PWP Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54972PWPG4 TI1-TPS54972PWPG4 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54974PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN0401093 TI-SN0401093 Datasheet
234Kb / 13P
[Old version datasheet]   DUAL INPUT BUS 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI-TPS54910_15 Datasheet
714Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54010 TI1-TPS54010_16 Datasheet
1Mb / 30P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com