Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

305C9 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 305C9
Description  PTCR Motor Start Packages PSC Single Phase Motor Start Assist
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

305C9 Datasheet(HTML) 6 Page - Vishay Siliconix

  305C9 Datasheet HTML 1Page - Vishay Siliconix 305C9 Datasheet HTML 2Page - Vishay Siliconix 305C9 Datasheet HTML 3Page - Vishay Siliconix 305C9 Datasheet HTML 4Page - Vishay Siliconix 305C9 Datasheet HTML 5Page - Vishay Siliconix 305C9 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.vishay.com
8
305C Series
Vishay Cera-Mite
ceramite.support@vishay.com
Document Number: 23086
Revision 14-May-02
PTCR Motor Start Packages
VISHAY CERA-MITE MOTOR START FEATURES
ADVANCED CERAMIC ENGINEERING FOR
HVAC
Vishay Cera-Mite’s capability in large diameter ceramic pellets,
unique formulations tailored to motor starting, and heavy duty
electrode systems, have been developed and proven with the
cooperation of HVAC industry experts over a period of 20 years.
INHERENT PERFORMANCE
Large diameter pellets make possible low resistance
start devices needed to match torque requirements of high
efficiency compressor motors.
Various package sizes offer selection of timing intervals,
providing optimum switching time without dependence on
sensing speed, counter EMF, or current.
RUGGED MECHANICAL CONSTRUCTION
Vishay Cera-Mite PTCR cases are molded from a UL94V0
high temperature, engineered plastic/glass composite.
Heavy duty aluminum contact plates and stainless steel
force springs are scaled to the pellet sizes and current
ratings to insure no internal arcing and to enhance quick
reset time.
Unbreakable metal mounting brackets attach securely with
a single screw. The NEW “U” - brackets developed by Vishay
Cera-Mite feature lower power consumption and greater reliability
by maximizing case to ground thermal impedance.
SIMPLE AND ECONOMICAL
A solid state device requiring only 2 quick connect wires
and one bracket screw to install. Compared to the alternative
start capacitor and relay, PTCR start devices save several
wires, occupy less panel space, mount more easily, and
cost less.
OUTSTANDING RELIABILITY
Over a fifteen year period, with an installed base of millions
of Vishay Cera-Mite PTCR start devices, experience has
demonstrated reliability at 1.0 FITS or less. Users have
benefited from very low warranty expense.
RESTART
CONSIDERATIONS
A properly sized PTCR will
provide adequate starting
current and starting time
with a cool down time of 3
to 5 minutes, coordinating
perfectly with standard “off
delay” equalization timers
Restart characteristics of
the three case sizes are
shown.
Fig T-13
Fig T-14
Fig T-15
25
% Initial
Current
CASE STYLE C
50
75
100
0
0
.2
.4
.6
.8
Time In Seconds
5 Min. Cooling
3 Min.
Cooling
Cold
Start
CASE STYLE B
0
.2
.4
.6
.8
Time In Seconds
1.0
5 Min. Cooling
3 Min.
Cooling
Cold
Start
25
50
75
100
0
CASE STYLE A
0
.2
.4
.6
.8
1.0
25
50
75
100
0
1.2
Cold
Start
3 Min.
Cooling
Time In Seconds
5 Min. Cooling


Similar Part No. - 305C9

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Littelfuse
305 LITTELFUSE-305 Datasheet
728Kb / 2P
   PICO 305 Series Fuses - 277V UL913 Intrinsically Safe Fuse
logo
EDAC, All Rights Reserv...
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
logo
Morse Mfg. Co., Inc.
305 MORSE-305 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
logo
Emerson Network Power
305-0042-1 EMERSON-NETWORKPOWER-305-0042-1 Datasheet
5Mb / 100P
   Military, Space and Testing Equipment
More results

Similar Description - 305C9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1674 VISHAY-307C1674 Datasheet
271Kb / 1P
   PTCR Motor Start Pellets
Revision 14-May-02
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
   Thermistors Motor Start Packages
Revision: 11-Sep-15
PTC305C VISHAY-PTC305C_V01 Datasheet
168Kb / 8P
   PTC Thermistors Motor Start Packages
01-Jan-2022
logo
NTE Electronics
MSCH-01 NTE-MSCH-01 Datasheet
561Kb / 1P
   MOTOR START HARDWARE
MSC125V21 NTE-MSC125V21_12 Datasheet
2Mb / 3P
   MOTOR START AC ELECTROLYTIC
MSC125V21 NTE-MSC125V21 Datasheet
22Kb / 3P
   MOTOR START AC ELECTROLYTIC
logo
American Zettler, Inc.
ZCPR AZETTLER-ZCPR Datasheet
463Kb / 4P
   MOTOR START POTENTIAL RELAY
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565 HONGFA-HF8565_15 Datasheet
113Kb / 4P
   MOTOR START POTENTIAL RELAY
logo
Vishay Siliconix
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
   Thermistors Motor Start Pellets
Revision: 11-Aug-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com