Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

305C19 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 305C19
Description  PTCR Motor Start Packages PSC Single Phase Motor Start Assist
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

305C19 Datasheet(HTML) 4 Page - Vishay Siliconix

  305C19 Datasheet HTML 1Page - Vishay Siliconix 305C19 Datasheet HTML 2Page - Vishay Siliconix 305C19 Datasheet HTML 3Page - Vishay Siliconix 305C19 Datasheet HTML 4Page - Vishay Siliconix 305C19 Datasheet HTML 5Page - Vishay Siliconix 305C19 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
6
305C Series
Vishay Cera-Mite
ceramite.support@vishay.com
Document Number: 23086
Revision 14-May-02
VISHAY
CERA-MITE
RESISTANCE (OHMS)
SWITCH TIME
CURRENT
MAX. VOLTAGE
AVG. POWER
COMPRESSOR
PART
CASE
RDYN
R0
(T) SECONDS
RATING
RATING
DISSIPATION
RANGE
NUMBER STYLE
± 20%
± 30%
@ 230V
AMPERES
VOLTS, RMS
WATTS
BTU (000)
HP
305C20*
C
25
35
0.25
10
410
3.5
10 - 28
0.75 - 2.0
305C21
C
35
50
0.35
8
410
3.5
8 - 18
0.5 - 1.5
305C22*
C
50
75
0.50
6
410
3.5
5 - 12
0..25 - 1.0
305C19*
B
20
30
0.50
18
500
7
20 - 50
1.5 - 4.0
305C12*
B
25
40
0.60
15
500
7
18 - 42
1.5 - 3.5
305C2
B
50
85
1.00
12
500
7
10 - 25
1.0 - 2.5
305C9*
A
10
15
0.50
36
500
9
28 - 68
3.0 - 7.0
305C11
A
12.5
20
0.60
30
500
9
28 - 62
3.0 - 6.0
305C1*
A
25
42.5
1.00
24
500
9
14 - 36
1.5 - 3.5
Note 1
Note 2
Note 3
Note 4
Note 5
Note 6
Note 7
PTCR Motor Start Packages
PTCR SELECTION
Choosing the best PTCR for an application is a simple
matter. See Table 4 and Table 2. Vishay Cera-Mite PTCRs
are available in three case sizes (A, B, and C).
Table 4 indicates the correct case size for the application.
Table 2 shows how to choose the correct resistance
value.
Using a device too small or resistance too high
will give inadequate starting performance. An oversize
device will not harm the motor, but may not be optimum with
regards to acceleration dynamics, or power dissipation.
The PTCR is generally self protecting when applied within
the voltage and current ratings.
Table 4
PTCR MOTOR START SELECTION CHART
Note 1
Part number is stamped on the device
for UL recognition. The customer
part number will also include 1 or
3 character alpha-numeric suffix to
designate mounting bracket, customer
marking, wire jumper, or other acces-
sory furnished.The suffix is not marked
on the part. Certified outline drawing
and complete part number will be
furnished on request for specific
applications. (Example: 305C19K01.)
Mounting brackets and other acces-
sories are shipped in separate boxes
to simplify installation in end use
equipment.
Note 2
R
DYN is nominal resistance equal to E/I
when 230 volts, 60 Hz is applied (See
Fig T-7). This resistance determines
current and starting torque at the
moment of application of voltage to
the motor and can be measured with
an oscilloscope.
For receiving inspection or routine
trouble shooting, the D.C. resistance
(Ro) as measured with an ohmmeter
is approximately 50% greater. For
example: 305C20 measured with an
ohm meter would be 35 ohms ± 30%
tolerance.
Note 3
Resistance values are duplicated in
several case sizes (ie: 305C20, C12,
and C1) to provide longer switch time
(t) and higher current ratings (See
Fig T-7). Larger parts may be needed
for more difficult starting conditions
(voltage or temperature) or may be
used for accelerating fans against
back pressure.
Note 4
Maximum current in the PTCR is
determined by
Max Line Voltage
Min R
DYN
Motor auxiliary winding impedance
is usually small compared to PTCR
resistance, and does not materially
affect PTCR current.
Current in PTCR is a percentage of
the full motor inrush (locked rotor)
current; usually 30% to 50% (See
Fig T-5).
Note 5
In application, the maximum voltage is
the voltage that appears across the
run capacitor at rated speed, high line,
light load. This is not the applied line
voltage (See Fig T-6).
THESE DEVICES ARE INTENDED
FOR APPLICATION ON 240 VOLT
LINES OR SYSTEMS WITH MAXI-
MUM LINE VOLTAGE UP TO 264
VOLTS. The 305C20, 21 and 22 are
also used on 120 volt systems where
the motor is designed to use same
run capacitor and PTCR as equivalent
230 volt compressor.
Note 6
This is the power used to keep the
PTCR switched off under full load
running conditions at typical ambient
temperature.
Note 7
BTU and horsepower ranges are
for reference only. PTCR may be
applied outside those ranges as long
as maximum voltage and maximum
current are not exceeded. Scroll
and rotary compressors may require
less starting assistance allowing use
of smaller devices.
* Preferred Values


Similar Part No. - 305C19

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Littelfuse
305 LITTELFUSE-305 Datasheet
728Kb / 2P
   PICO 305 Series Fuses - 277V UL913 Intrinsically Safe Fuse
logo
EDAC, All Rights Reserv...
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
logo
Morse Mfg. Co., Inc.
305 MORSE-305 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
logo
Emerson Network Power
305-0042-1 EMERSON-NETWORKPOWER-305-0042-1 Datasheet
5Mb / 100P
   Military, Space and Testing Equipment
More results

Similar Description - 305C19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
307C1674 VISHAY-307C1674 Datasheet
271Kb / 1P
   PTCR Motor Start Pellets
Revision 14-May-02
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
   Thermistors Motor Start Packages
Revision: 11-Sep-15
PTC305C VISHAY-PTC305C_V01 Datasheet
168Kb / 8P
   PTC Thermistors Motor Start Packages
01-Jan-2022
logo
NTE Electronics
MSCH-01 NTE-MSCH-01 Datasheet
561Kb / 1P
   MOTOR START HARDWARE
MSC125V21 NTE-MSC125V21_12 Datasheet
2Mb / 3P
   MOTOR START AC ELECTROLYTIC
MSC125V21 NTE-MSC125V21 Datasheet
22Kb / 3P
   MOTOR START AC ELECTROLYTIC
logo
American Zettler, Inc.
ZCPR AZETTLER-ZCPR Datasheet
463Kb / 4P
   MOTOR START POTENTIAL RELAY
logo
Hongfa Technology
HF8565 HONGFA-HF8565 Datasheet
135Kb / 4P
   MOTOR START POTENTIAL RELAY
HF8565 HONGFA-HF8565_15 Datasheet
113Kb / 4P
   MOTOR START POTENTIAL RELAY
logo
Vishay Siliconix
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
   Thermistors Motor Start Pellets
Revision: 11-Aug-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com