Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST19WL34 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19WL34
Description  Smartcard MCU with Modular Arithmetic Processor & 34 or 66 Kbytes High Density EEROM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WL34 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19WL34 Datasheet HTML 1Page - STMicroelectronics ST19WL34 Datasheet HTML 2Page - STMicroelectronics ST19WL34 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
April 2003
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 68 87 29.
ST19WL34, ST19WL66
Smartcard MCU with Modular Arithmetic
Processor & 34 or 66 Kbytes High Density EEPROM
PRODUCT FEATURES
I ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
I 224 KBYTES USER ROM WITH
PARTITIONING
I 6 KBYTES USER RAM WITH PARTITIONING
I 34 KBYTES (ST19WL34), 66 KBYTES
(ST19WL66) USER EEPROM WITH
PARTITIONING including 128 BYTES USER
and ST OTP AREA:
– Highly reliable CMOS EEPROM submicron
technology
– Error Correction Code for single bit fail
correction within a byte
– 10 year data retention
– 500,000 Erase/Write cycles endurance
– 1 to 64 bytes Erase or Program in 2 ms
I SECURITY FIREWALLS FOR MEMORIES,
MODULAR ARITHMETIC PROCESSOR and
ENHANCED DES ACCELERATOR.
I VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH
PROGRAMMING AND CLOCK
MANAGEMENT.
I 3x8 BIT TIMERS WITH INTERRUPT
CAPABILITY
I HARDWARE SECURITY ENHANCED DES
ACCELERATOR WITH LIBRARY SUPPORT
FOR SYMMETRICAL ALGORITHMS:
– DES, triple DES computations and CBC
chaining mode...
I 1088 Bit MODULAR ARITHMETIC
PROCESSOR WITH LIBRARY SUPPORT
FOR ASYMMETRICAL ALGORITHMS
– Fast modular multiplication and squaring
using Montgomery method
– Software Crypto libraries in separate ST
ROM area for efficient algorithm coding using
a set of advanced functions
– Software selectable operand length up to
2176 bits.
I ISO 3309 CRC CALCULATION BLOCK
I FIPS 140-2 COMPLIANT RANDOM NUMBER
GENERATOR WITH TWO GUN REGISTERS
(Generators of Unpredictable Number)
I 1.62 V TO 5.5 V SUPPLY VOLTAGE WITH
10MHz INTERNAL OPERATING FREQUENCY
I UNIQUE SERIAL NUMBER ON EACH DIE
I POWER SAVING STANDBY MODE
I CONTACT ASSIGNMENT COMPATIBLE ISO
7816-2
I SERIAL ACCESS I/O, ISO 7816-3
COMPATIBLE
I ESD PROTECTION GREATER THAN 5000 V
Figure 1. Delivery Form
(1) Typical values, independent from external clock frequency and
supply voltage.
(2) CRT: Chinese Remainder Theorem.
Function
Speed (1)
RSA 1024 bits signature with CRT (2)
85 ms
RSA 1024 bits signature without CRT (2)
282 ms
RSA 1024 bits verification (e=’$10001’)
5.5 ms
RSA 1024 bits key generation
2.5 s
RSA 2048 bits signature with CRT (2)
570 ms
RSA 2048 bits verification (e=’$10001’)
91 ms
Triple DES (with enhanced security)
58 µs
Single DES (with enhanced security)
43 µs
259a.ai
Micromodule
Wafer


Similar Part No. - ST19WL34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WL18 STMICROELECTRONICS-ST19WL18 Datasheet
45Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
More results

Similar Description - ST19WL34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19XL34V2 STMICROELECTRONICS-ST19XL34V2 Datasheet
157Kb / 4P
   Smartcard MCU With Modular Arithmetic Processor & 34 Kbytes High Density EEPROM
ST19WL18 STMICROELECTRONICS-ST19WL18 Datasheet
45Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
ST16WL18 STMICROELECTRONICS-ST16WL18 Datasheet
46Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor 18 Kbytes High Density EEPROM
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
   Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
ST19WK08 STMICROELECTRONICS-ST19WK08 Datasheet
58Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor & 8 Kbytes EEPROM
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
   Smartcard MCU With 34 Kbytes High Density EEPROM
ST16CF54 STMICROELECTRONICS-ST16CF54 Datasheet
35Kb / 3P
   Smartcard MCU With 4 KBytes EEPROM 512 Bits Modular Arithmetic Processor
ST19NR66 STMICROELECTRONICS-ST19NR66 Datasheet
507Kb / 5P
   Dual Contactless Smartcard MCU with 66 KBytes High Density EEPROM
ST19KF16 STMICROELECTRONICS-ST19KF16 Datasheet
32Kb / 2P
   Smartcard MCU With 1088 Bits Modular Arithmetic Processor
ST19WI18 STMICROELECTRONICS-ST19WI18 Datasheet
54Kb / 3P
   SMASmartcard MCU With Modular Arithmetic Processor, I2C & 18 Kbytes High Density EEPROM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com