Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBF-4089Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBF-4089Z
Description  DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SBF-4089Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBF-4089Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SBF-4089Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SBF-4089Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SBF-4089Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SBF-4089Z Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Description
EDS-103412 Rev. C
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of
this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc..
All worldwide rights reserved.
SBF-4089
SBF-4089Z
DC-500 MHz, Cascadable
InGaP/GaAs HBT MMIC Amplifier
Product Features
Available in Lead Free, RoHS compliant,
& Green packaging
• IP3 = 42dBm @ 240MHz
• Stable Gain Over Temperature
• Robust 1000V ESD, Class 1C
• Operates From Single Supply
• Low Thermal Resistance
Applications
• Receiver IF Amplifier
• Cellular, PCS, GSM, UMTS
• PA Driver Amp
• Wireless Data, Satellite Terminals
Sirenza Microdevices’ SBF-4089 is a high performance InGaP/
GaAs Heterojunction Bipolar Transistor MMIC Amplifier. A
Darlington configuration designed with InGaP process
technology provides broadband performance up to 0.5 GHz
with excellent thermal perfomance. The heterojunction
increases breakdown voltage and minimizes leakage current
between junctions. Cancellation of emitter junction non-
linearities results in higher suppression of intermodulation
products. Only a single positive supply voltage, DC-blocking
capacitors, a bias resistor, and an optional RF choke are
required for operation.
The matte tin finish on Sirenza’s lead-free package utilizes a
post annealing process to mitigate tin whisker formation and
is RoHS compliant per EU Directive 2002/95. This package is
also manufactured with green molding compounds that
contain no antimony trioxide nor halogenated fire retardants.
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d
z
H
M
0
7
z
H
M
0
4
2
z
H
M
0
0
5
3
.
3
1
2
.
3
1
9
.
4
1
8
.
4
1
7
.
4
1
3
.
6
1
2
.
6
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
z
H
M
0
7
z
H
M
0
4
2
z
H
M
0
0
44
.
8
1
1
.
0
2
1
.
0
2
9
.
9
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
Om
B
d
z
H
M
0
7
z
H
M
0
4
2
z
H
M
0
0
40
.
9
3
0
.
0
4
0
.
2
4
0
.
1
4
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
0
50
.
3
10
.
7
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
0
50
.
2
10
.
6
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
0
53
.
33
.
4
V
D
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
e
c
i
v
e
DV
5
.
49
.
43
.
5
I
D
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
e
c
i
v
e
DA
m2
80
98
9
R
H
T
l
-
j
,
)
d
a
e
l
o
t
n
o
it
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°3
4
Test Conditions:
V
S = 8 V
I
D = 90 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 33 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms,
App circuit page 4.
S -P aram eters vs Freq uency +25c
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
0
100
200
300
400
500
600
700
800
900
Fre q
-25
-20
-15
-10
-5
0
s21
s11
s22
Pb
RoHS Compliant
&
Package
Green


Similar Part No. - SBF-4089Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBF-4089Z SIRENZA-SBF-4089Z Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results

Similar Description - SBF-4089Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBF-4089 SIRENZA-SBF-4089 Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBF-5089 SIRENZA-SBF-5089 Datasheet
235Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBF-5089 ETC-SBF-5089 Datasheet
234Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com