Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS5U26 Datasheet(PDF) 1 Page - Rohm

Part # QS5U26
Description  Pch Treueh MOSFET with a Schottky barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS5U26 Datasheet(HTML) 1 Page - Rohm

  QS5U26 Datasheet HTML 1Page - Rohm QS5U26 Datasheet HTML 2Page - Rohm QS5U26 Datasheet HTML 3Page - Rohm QS5U26 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QS5U26
Transistor
1/3
Small switching (
−20V, −1.5A)
QS5U26
!
!
!
!Features
1) The QS5U26 conbines Pch Treueh MOSFET with a
Schottky barrier diode in a single TSMT5 package.
2) Pch Treueh MOSFET have a low on-state resisternce
with a fast switching.
3) Pch Treueh MOSFET is neucted a low voltage drive
(2.5V).
4) The independently connected Schottky barrier diode
have a low forward voltage.
!Applications
!
!
!
!External dimensions (Units : mm)
TSMT5
Each lead has same dimensions
Abbreviated symbol : U26
2.8
1.6
0.3~0.6
(1)Gate
(2)Source
(3)Anode
(4)Cathode
(5)Drain
load switch, DC/DC conversion
!
!
!
!Structure
•Silicon P-channel MOS FET
•Schottky Barrier DIODE
!
!
!
!Packaging specifications
QS5U26
TR
3000
Type
Package
Code
Taping
Basic ordering unit (pieces)
!
!
!
!Equivalent circuit
∗ A protection diode has been buitt in between the gate and
the source to protect against static electricity when the product
is in use. Use the protection circuit when rated voltages are exceeded.
(1)Gate
(2)Source
(3)Anode
(4)Cathode
(5)Drain
∗2
∗1 ESD protection diode
∗2 Body diode
∗1
(1)
(2)
(3)
(5)
(4)
!
!
!
!Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗3
∗2
Parameter
V
VDSS
Symbol
−20
V
VGSS
±12
A
ID
±1.5
A
IDP
±6.0
A
IS
−0.75
A
ISP
−3.0
°C
Tch
150
V
VRM
30
V
VR
20
A
IF
0.5
A
IFSM
2.0
°C
Tj
125
W/TOTAL
PD
1.0
°C
Tstg
−40~+125
Limits
Unit
Parameter
Symbol
Limits
Unit
Parameter
Symbol
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1% ∗2 60Hz 1cyc. ∗3 Mounted on a ceramic board.
Drain-source voltage
Gate-source voltage
Drain current
Source current
(Body diode)
Channel temperature
Repetitive peak reverse voltage
Reverse voltage
Forward current
Forward current surge peak
Junction temperature
Total power dissipatino
Range of strage temperature
Continuous
Pulsed
Continuous
Pulsed
<MOSFET>
<Di>
<MOSFET AND Di>


Similar Part No. - QS5U26

ManufacturerPart #DatasheetDescription
logo
Rohm
QS5U26 ROHM-QS5U26 Datasheet
107Kb / 5P
   2.5V Drive PchSBD MOSFET
QS5U26 ROHM-QS5U26 Datasheet
71Kb / 6P
   2.5V Drive Pch SBD MOSFET
QS5U26TR ROHM-QS5U26TR Datasheet
71Kb / 6P
   2.5V Drive Pch SBD MOSFET
QS5U26 ROHM-QS5U26_1 Datasheet
107Kb / 5P
   2.5V Drive PchSBD MOSFET
More results

Similar Description - QS5U26

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2680T1E NEC-UPA2680T1E Datasheet
215Kb / 9P
   MOSFET WITH SCHOTTKY BARRIER DIODE
logo
Renesas Technology Corp
UPA2680T1E RENESAS-UPA2680T1E Datasheet
367Kb / 11P
   MOSFET WITH SCHOTTKY BARRIER DIODE
2006
logo
Zibo Seno Electronic En...
SK840D ZSELEC-SK840D Datasheet
149Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
MBRF640 ZSELEC-MBRF640 Datasheet
322Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
BD540YS ZSELEC-BD540YS Datasheet
146Kb / 2P
   5.0 A SCHOTTKY BARRIER DIODE
BD840CS ZSELEC-BD840CS Datasheet
146Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
MBR640G ZSELEC-MBR640G Datasheet
143Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
SK540D ZSELEC-SK540D Datasheet
149Kb / 2P
   5.0 A SCHOTTKY BARRIER DIODE
BD640CT ZSELEC-BD640CT Datasheet
147Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
BD640CS ZSELEC-BD640CS Datasheet
146Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com