Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM9375 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OM9375
Description  25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM9375 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OM9375 Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 5Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 6Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 7Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 8Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 9Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 10Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 11Page - List of Unclassifed Manufacturers OM9375 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
OM9375
Fig 3: Optional Start-Up Circuit
C_FILT
232
232
4700pF
.1uF
3.24k
1.50k
1k
.1uF
C_BUS
+
10uF
+
.1uF
10k
Vcc
1
VREF
5
OSCILLATOR
10
PWM_IN
9
EA1_OUT
8
EA1+
4
EA1-
2
SOFT_START
18
I_SENSE
11
ISH
12
ISL
13
QUAD_SEL
14
DIRECTION
24
SPEED_IN
23
EA2_OUT
7
EA2+
3
EA2-
6
BRAKE
16
TACH_OUT
15
GROUND
19
V_MOTOR
43
PHASE_A_OUT
42
PHASE_A_OUT
41
SOURCE_A
40
SOURCE_A
39
V_MOTOR
38
PHASE_B_OUT
37
PHASE_B_OUT
36
SOURCE_B
35
SOURCE_B
34
V_MOTOR
33
PHASE_C_OUT
32
PHASE_C_OUT
31
N/C
30
SOURCE_C
29
MOTOR_RETURN
28
MOTOR_RETURN
27
H1_HALL_INPUT
22
H2_HALL_INPUT
21
H3_HALL_INPUT
20
CSH
25
CSL
26
OV_COAST
17
H3
H2
H1
H3
H2
H1
V_MOTOR
COMMAND
+15V
HALL SENSORS
FROM MOTOR HALL SENSORS
MOTOR
Fig 4: Implementation of a Voltage-Mode Controller
2.1 - 11


Similar Part No. - OM9375

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
OM9373 IRF-OM9373 Datasheet
150Kb / 14P
   FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9373SF IRF-OM9373SF Datasheet
150Kb / 14P
   FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9373SP IRF-OM9373SP Datasheet
150Kb / 14P
   FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
More results

Similar Description - OM9375

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6MXX-XX SENSITRON-SMC6MXX-XX Datasheet
164Kb / 15P
   Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Aeroflex Circuit Techno...
ACT5026 AEROFLEX-ACT5026 Datasheet
53Kb / 2P
   ACT5026 10 AMP 3-PHASE BRUSHLESS DC MOTOR CONTROLLER
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
   3-Phase Brushless DC Motor Controller
Rev. E, 21-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com