Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBP673 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MBP673
Description  16-Bit Proprietary Microcontroller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBP673 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MBP673 Datasheet HTML 1Page - Fujitsu Component Limited. MBP673 Datasheet HTML 2Page - Fujitsu Component Limited. MBP673 Datasheet HTML 3Page - Fujitsu Component Limited. MBP673 Datasheet HTML 4Page - Fujitsu Component Limited. MBP673 Datasheet HTML 5Page - Fujitsu Component Limited. MBP673 Datasheet HTML 6Page - Fujitsu Component Limited. MBP673 Datasheet HTML 7Page - Fujitsu Component Limited. MBP673 Datasheet HTML 8Page - Fujitsu Component Limited. MBP673 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
MB90670/675 Series
2
s FEATURES
•Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation
(at oscillation of 4 MHz, 4 MHz to 16 MHz).
Minimum instruction execution time of 62.5 ns (at oscillation of 4 MHz, four times the PLL clock, operation at
Vcc of 5.0 V)
• CPU addressing space of 16 Mbytes
Internal addressing of 24-bit
External accessing can be performed by selecting 8/16-bit bus width (external bus mode)
• Instruction set optimized for controller applications
Rich data types (bit, byte, word, long word)
Rich addressing mode (23 types)
High code efficiency
Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C) and multi-task operations
Adoption of system stack pointer
Enhanced pointer indirect instructions
Barrel shift instructions
• Enhanced execution speed
4-byte instruction queue
• Enhanced interrupt function
8 levels, 32 factors
• Automatic data transmission function independent of CPU operation
Extended intelligent I/O service function (EI2OS)
• Low-power consumption (standby) mode
Sleep mode (mode in which CPU operating clock is stopped)
Timebase timer mode (mode in which other than oscillation and timebase timer are stopped)
Stop mode (mode in which oscillation is stopped)
CPU intermittent operation mode
Hardware standby mode
•Process
CMOS technology
• I/O port
MB90670 series: Maximum of 65 ports
MB90675 series: Maximum of 84 ports
•Timer
Timebase timer/watchdog timer: 1 channel
8/16-bit PPG timer: 8-bit
× 2 channels or 16-bit × 1 channel
16-bit reload timer: 2 channels
24-bit free run timer: 1 channel
• Input capture (ICU)
Generates an interrupt request by latching a 24-bit free run timer counter value upon detection of an edge
input to the pin.
• Output compare (OCU)
Generates an interrupt request and reverse the output level upon detection of a match between the 24-bit free
run timer counter value and the compare setting value.
•I2C interface (in MB90675 series only)
• Serial I/O port for supporting Inter IC BUS
(Continued)


Similar Part No. - MBP673

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
MBP-10-T1-LL-0 YAMAICHI-MBP-10-T1-LL-0 Datasheet
298Kb / 6P
   MatchCon
MBP-12-T1-LL-0 YAMAICHI-MBP-12-T1-LL-0 Datasheet
298Kb / 6P
   MatchCon
MBP-14-T1-LL-0 YAMAICHI-MBP-14-T1-LL-0 Datasheet
298Kb / 6P
   MatchCon
MBP-16-T1-LL-0 YAMAICHI-MBP-16-T1-LL-0 Datasheet
298Kb / 6P
   MatchCon
MBP-18-T1-LL-0 YAMAICHI-MBP-18-T1-LL-0 Datasheet
298Kb / 6P
   MatchCon
More results

Similar Description - MBP673

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com