Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDU28C-100MD4 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # MDU28C-100MD4
Description  DUAL, HCMOS-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

MDU28C-100MD4 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  MDU28C-100MD4 Datasheet HTML 1Page - Data Delay Devices, Inc. MDU28C-100MD4 Datasheet HTML 2Page - Data Delay Devices, Inc. MDU28C-100MD4 Datasheet HTML 3Page - Data Delay Devices, Inc. MDU28C-100MD4 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MDU28C
Doc #97040
DATA DELAY DEVICES, INC.
3
12/12/97
3 Mt. Prospect Ave. Clifton, NJ 07013
PACKAGE DIMENSIONS
MDU28C-xx (Commercial DIP)
.500 MAX.
1
2
3
4
5
6
7
8
.290
MAX.
.015 TYP.
.070 MAX.
.018
TYP.
.300
±.010
3 Equal spaces
each .100
±.010
Non-Accumulative
.280
MAX.
.350
MAX.
.010
±.002
Lead Material:
Nickel-Iron alloy 42
TIN PLATE
MDU28C-xxM (Military DIP)
.180
TYP.
.500 MAX.
1
2
3
4
5
6
7
8
.290
MAX.
.020
TYP.
.440
MAX.
.300
TYP.
.010 TYP.
.300
TYP.
.020
TYP.
MDU28C-xxA1 (Commercial Gull-Wing)
.520 MAX.
1
2
3
4
5
6
7
8
.430
TYP.
.020
TYP.
.040
TYP.
.100
.110
.300
.300
MAX.
.270
TYP.
.010 TYP.
.050
TYP.
MDU28C-xxB1 (Commercial J-Lead)
.520 MAX.
1
2
3
4
5
6
7
8
.320
TYP.
.020
TYP.
.040
TYP.
.100
.110
.300
.350
MAX.
.270
TYP.
.050 TYP.
.110
TYP.
.510 MAX.
1
7
8
.510
MAX.
14
.300
TYP.
.017
.050
.100
.100
.300
.300
.008
.045
.025
.360
TYP.
.065
TYP.
.065
TYP.
MDU28C-xxD1 (Commercial SMD)
MDU28C-xxMD1 (Military SMD)
.200 MAX. (Com)
.225 MAX. (Mil)
.080
.080
.510 MAX.
1
7
8
14
.510
MAX.
.017
.050
.300
TYP.
.100
.100
.650
.008
.005
.065 TYP.
.360 TYP.
.065 TYP.
MDU28C-xxD4 (Commercial SMD)
MDU28C-xxMD4 (Military SMD)
.200 MAX. (Com)
.225 MAX. (Mil)


Similar Part No. - MDU28C-100MD4

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDU2-40-1AD SLPOWER-MDU2-40-1AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU2-40-2AD SLPOWER-MDU2-40-2AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU2-40-3AD SLPOWER-MDU2-40-3AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU2-40-4AD SLPOWER-MDU2-40-4AD Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Power-One
MDU200 POWER-ONE-MDU200 Datasheet
292Kb / 6P
   Power Factor Correction (PFC) with a low-profile package designed to meet 1U height constraints
More results

Similar Description - MDU28C-100MD4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
MDU3C DATADELAY-MDU3C Datasheet
47Kb / 4P
   TRIPLE, HCMOS-INTERFACED FIXED DELAY LINE (SERIES MDU3C)
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU4C DATADELAY-DDU4C Datasheet
55Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
   DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com