Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9702BETI+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9702BETI+
Description  1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9702BETI+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9702BETI+ Datasheet HTML 1Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 2Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX9702BETI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1.8W, Filterless, Stereo, Class D Audio Power
Amplifier and DirectDrive Stereo Headphone Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (VDD = 3.3V) (continued)
(VDD = PVDD = CPVDD = SHDN = 3.3V, GND = PGND = CPGND = 0V, SYNC = VDD (SSM), speaker gain = +12dB, headphone gain
= +1dB. Speaker load RL connected between OUT+ and OUT-, unless otherwise noted, RL = ∞. Headphone load RLH connected
between HPR/HPL to GND. CBIAS = 1µF to GND, 1µF capacitor between C1P and C1N, CVSS = 1µF. TA = TMIN to TMAX, unless oth-
erwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HEADPHONE AMPLIFIERS (HPS = VDD)
TA = +25°C
±1.8
±6
Output Offset Voltage
VOS
TMIN to TMAX
±8
mV
VDD = 2.5V to 5.5V
66
75
fRIPPLE = 217Hz
73
Power-Supply Rejection Ratio
(Note 4)
PSRR
100mVP-P ripple,
VIN = 0V, TA = +25°C
fRIPPLE = 20kHz
53
dB
RL = 32
48
Output Power
POUT
THD+N = 1%, VDD =
3.3V, TA = +25°C
RL = 16
47
mW
RL = 16
Ω (POUT = 40mW, f = 1kHz)
0.03
Total Harmonic Distortion Plus
Noise
THD+N
RL = 32
Ω (POUT = 32mW, f = 1kHz)
0.015
%
BW = 22Hz to 22kHz
95.5
Signal-to-Noise Ratio
SNR
VOUT = 1VRMS,
RL = 32
A-weighted
97.9
dB
Charge-Pump Frequency
fCP
fOSC/2
kHz
Into shutdown
65
Click-and-Pop Level
KCP
Peak voltage, 32
samples/second,
A-weighted (Note 3)
Out of shutdown
85
dB
Slew Rate
SR
±1V output step
0.3
V/µs
B4 = 0
B3 = 0
-2
B4 = 0
B3 = 1
+1
B4 = 1
B3 = 0
+4
Gain (see I
2C Section)
AV
B4 = 1
B3 = 1
+7
dB
Channel-to-Channel Gain
Tracking
±0.2
%
Capacitance Drive
CL
No sustained oscillations
300
pF
Crosstalk
L to R, R to L, f = 10kHz, RL = 16
Ω,
POUT = 10mW
70
dB
HP_ Resistance to GND
In speaker mode
1
k
DIGITAL INPUTS (
SHDN, SYNC, SDA, SCL, HPS)
Input Voltage High,
SHDN,
SYNC, HPS
VINH
2V
Input Voltage High, SCL
VINH
0.7 x
VDD
V
Input Voltage Low,
SHDN, SYNC,
HPS
VINL
0.8
V


Similar Part No. - MAX9702BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX970 MAXIM-MAX970 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9700 MAXIM-MAX9700 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
More results

Similar Description - MAX9702BETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
   1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9701 MAXIM-MAX9701 Datasheet
1Mb / 21P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 0; 6/05
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com