Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4784 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4784
Description  0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4784 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4784 Datasheet HTML 3Page - Maxim Integrated Products MAX4784 Datasheet HTML 4Page - Maxim Integrated Products MAX4784 Datasheet HTML 5Page - Maxim Integrated Products MAX4784 Datasheet HTML 6Page - Maxim Integrated Products MAX4784 Datasheet HTML 7Page - Maxim Integrated Products MAX4784 Datasheet HTML 8Page - Maxim Integrated Products MAX4784 Datasheet HTML 9Page - Maxim Integrated Products MAX4784 Datasheet HTML 10Page - Maxim Integrated Products MAX4784 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
The MAX4780/MAX4784 are low 0.7
Ω (at V+ = +2.7V)
on-resistance, low-voltage, quad 2:1 analog multiplexers/
demultiplexers that operate from a +1.6V to +4.2V single
supply. CMOS switch construction allows switching
analog signals that are within the supply voltage range
(GND to V+).
When powered from a +2.7V supply, the 0.7
Ω RON
allows high continuous currents to be switched in a
variety of applications.
Applications Information
Proper power-supply sequencing is recommended for all
CMOS devices. Do not exceed the absolute maximum
ratings, because stresses beyond the listed ratings can
cause permanent damage to the devices. Always
sequence V+ on first, followed by NO_, NC_, or COM_.
Although it is not required, power-supply bypassing
improves noise margin and prevents switching noise
propagation from the V+ supply to other components. A
0.1µF capacitor, connected from V+ to GND, is adequate
for most applications.
0.7
, Low-Voltage, Quad 2:1 Analog
Multiplexers
_______________________________________________________________________________________
7
Pin Description
PIN
MAX4780
MAX4784
TSSOP
THIN QFN
TSSOP
THIN QFN
NAME
FUNCTION
1151
15
A0
Address Input
2162
16
NC1
Normally Closed Terminal
3131
NO1
Normally Open Terminal
4242
COM1
Analog Switch Common Terminal
5353
NC2
Normally Closed Terminal
6464
NO2
Normally Open Terminal
7575
COM2
Analog Switch Common Terminal
8686
GND
Ground
9797
COM3
Analog Switch Common Terminal
10
8
10
8
NO3
Normally Open Terminal
11
9
11
9
NC3
Normally Closed Terminal
12
10
12
10
COM4
Analog Switch Common Terminal
13
11
13
11
NO4
Normally Open Terminal
14
12
14
12
NC4
Normally Closed Terminal
15
13
A1
Address Input
——
15
13
EN
Enable. Connect to GND for normal operation.
Connect to logic-level high to turn all switches off.
16
14
16
14
V+
Positive Supply Voltage
1.6V TO 4.2V
INTERNAL
SPEAKER
RL = 8
RING TONE/
MELODY IC
MAX4780
AUDIO
CODEC
VCC
SYSTEM
CONTROLLER
EXTERNAL
SPEAKER
RL = 8
Ω OR 32Ω
Typical Application Circuit


Similar Part No. - MAX4784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4784 MAXIM-MAX4784 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4784ETE MAXIM-MAX4784ETE Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4784EUE MAXIM-MAX4784EUE Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
More results

Similar Description - MAX4784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780_09 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com