Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5915A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5915A
Description  Dual PCI 2.2 Hot-Swap Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5915A Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5915A Datasheet HTML 3Page - Maxim Integrated Products MAX5915A Datasheet HTML 4Page - Maxim Integrated Products MAX5915A Datasheet HTML 5Page - Maxim Integrated Products MAX5915A Datasheet HTML 6Page - Maxim Integrated Products MAX5915A Datasheet HTML 7Page - Maxim Integrated Products MAX5915A Datasheet HTML 8Page - Maxim Integrated Products MAX5915A Datasheet HTML 9Page - Maxim Integrated Products MAX5915A Datasheet HTML 10Page - Maxim Integrated Products MAX5915A Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Dual PCI 2.2 Hot-Swap Controllers
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(V+12VIN = +12V, V3.3VAUXIN = +3.3V, V-12VIN = -12V, V5V = +5V, V3.3V = +3.3V, R5VSEN_ = 0.005
Ω, R3.3VSEN_ = 0.005Ω, C3.3VO_ =
C5VO_ = 470µF, C+12VO_ = C-12VO_ = C3.3VAUXO_ = 47µF, TA = +25
°C, unless otherwise noted. See Typical Application Circuit.)
TEMPERATURE (
°C)
60
35
10
-15
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
9.5
-40
85
+12V INPUT UVLO
THRESHOLD vs. TEMPERATURE
3.3V AUXILIARY INPUT UVLO
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
2.5
-40
85
3.3V AUXILIARY OUTPUT UNDERVOLTAGE
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.8
2.9
3.0
3.1
3.2
3.3
2.7
-40
85
3.3V OUTPUT UNDERVOLTAGE
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
2.5
-40
85
5V OUTPUT UNDERVOLTAGE
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
4.43
4.48
4.53
4.58
4.63
4.68
4.38
-40
85
+12V OUTPUT UNDERVOLTAGE
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10.3
10.4
10.5
10.6
10.7
10.8
10.2
-40
85
ON_ AND AUXON_ THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.85
1.90
1.95
2.00
RISING
FALLING
2.05
2.10
1.80
-40
85
3.3VAUXIN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
-40
85
+12VIN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.0
-40
85


Similar Part No. - MAX5915A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5915 MAXIM-MAX5915 Datasheet
657Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
19-2420; Rev 0; 4/02
MAX5915EUI MAXIM-MAX5915EUI Datasheet
657Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
19-2420; Rev 0; 4/02
More results

Similar Description - MAX5915A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5915 MAXIM-MAX5915 Datasheet
657Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
19-2420; Rev 0; 4/02
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Renesas Technology Corp
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com