Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4780ETE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4780ETE
Description  0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4780ETE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4780ETE Datasheet HTML 2Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 9Page - Maxim Integrated Products MAX4780ETE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0.7
, Low-Voltage, Quad 2:1 Analog
Multiplexers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
20
10
50
40
30
01.0
0.5
1.5
2.0
2.5
3.0
CHARGE INJECTION
vs. VCOM
VCOM (V)
V+ = +3.0V
V+ = +1.8V
10,000
1
00.4
1.2 1.6
SUPPLY CURRENT vs.
SUPPLY VOLTAGE AND TEMPERATURE
10
100
0.001
0.01
0.1
1000
SUPPLY VOLTAGE (V)
0.8
2.0
2.8 3.2
2.4
3.6
TA = -40
°C
TA = +25
°C
TA = +85
°C
0.4
0.6
0.5
0.9
0.8
0.7
1.0
1.1
2.4
2.0
2.8
3.2
3.6
LOGIC-LEVEL THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.6
RISING
FALLING
0
1.6
2.0
2.4
2.8
3.2
3.6
TURN-ON/OFF TIME vs.
SUPPLY VOLTAGE
5
10
SUPPLY VOLTAGE (V)
20
15
35
40
45
50
30
25
tON
tOFF
0
15
10
5
20
25
30
35
40
45
50
-40
10
-15
35
60
85
TURN-ON/OFF TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
tON, V+ = +1.8V
tON, V+ = +3.0V
tOFF, V+ = +3.0V
tOFF, V+ = +1.8V
-45
-60
-75
-90
15
0
-15
-30
-105
-120
0.01
100
1000
FREQUENCY RESPONSE
FREQUENCY (MHz)
0.1
1
10
ON-RESPONSE
OFF-ISOLATION
CROSSTALK
0.04
0.05
0
10
100
1k
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.01
0.02
0.03
FREQUENCY (Hz)
RL = 32
V+ = +1.8V,
VCOM = +1.2VP-P
V+ = +3.0V,
VCOM = +2VP-P


Similar Part No. - MAX4780ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780ETE MAXIM-MAX4780ETE Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
More results

Similar Description - MAX4780ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780_09 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
logo
Analog Devices
ADV3219 AD-ADV3219 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com