Electronic Components Datasheet Search |
|
MAX3161E Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX3161E Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 26 page ±15kV ESD-Protected, +3.0V to +5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers _______________________________________________________________________________________ 9 Pin Description PIN MAX3160E MAX3161E MAX3162E NAME FUNCTION 11 1 C1+ Positive Terminal of the Positive Flying Capacitor 22 2 VCC Positive Supply Voltage 33 3 C1- Negative Terminal of the Positive Flying Capacitor 44 4 GND Ground —5 5 T1OUT RS-232 Driver Output 5— — Z(B)/T1OUT Inverting RS-485/RS-422 Driver Output in Full-Duplex Mode (and Inverting RS-485/RS-422 Receiver Input in Half-Duplex Mode)/RS-232 Driver Output ——6 ZInverting RS-485/RS-422 Driver Output —6 — Z(B) Inverting RS-485/RS-422 Driver Output in Full-Duplex Mode (and Inverting RS-485/RS-422 Receiver Input in Half-Duplex Mode) 6— — Y(A)/T2OUT Noninverting RS-485/RS-422 Driver Output in Full-Duplex Mode (and Noninverting RS-485/RS-422 Receiver Input in Half-Duplex Mode)/RS-232 Driver Output ——7 Y Noninverting RS-485/RS-422 Driver Output —7 — Y(A) Noninverting RS-485/RS-422 Driver Output in Full-Duplex Mode (and Noninverting RS-485/RS-422 Receiver Input in Half-Duplex Mode) 79 9 R1OUT RS-232 Receiver Output —8 8 T2OUT RS-232 Driver Output 810— RO/R2OUT RS-485/RS-422 Receiver Output/RS-232 Receiver Output 911 13 SHDN Active-Low Shutdown-Control Input. Drive SHDN low to shut down transmitters and charge pump. —— 10 R2OUT RS-232 Driver Output 10 12 14 FAST Transmitter Speed-Select Input. Select slew-rate limiting for RS-232 and RS-485/RS-422. Slew-rate limits with a logic-level low. —— 11 RO RS-485/RS-422 Receiver Output 11 13 — RS-485/ RS-232 Pin-Selectable Mode Functionality Input. Operates as RS-485/RS-422 with a logic-level high; operates as RS-232 with a logic-level low. —— 12 RE485 RS-485/RS-422 Receiver Enable Input. Logic-level low enables RS-485/RS-422 receivers. 12 14 — HDPLX Pin-Selectable Mode Functionality Input. Operates in full- duplex mode when low; operates in half-duplex mode when high. |
Similar Part No. - MAX3161E |
|
Similar Description - MAX3161E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |