Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3160E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3160E
Description  5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3160E Datasheet HTML 4Page - Maxim Integrated Products MAX3160E Datasheet HTML 5Page - Maxim Integrated Products MAX3160E Datasheet HTML 6Page - Maxim Integrated Products MAX3160E Datasheet HTML 7Page - Maxim Integrated Products MAX3160E Datasheet HTML 8Page - Maxim Integrated Products MAX3160E Datasheet HTML 9Page - Maxim Integrated Products MAX3160E Datasheet HTML 10Page - Maxim Integrated Products MAX3160E Datasheet HTML 11Page - Maxim Integrated Products MAX3160E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
±15kV ESD-Protected, +3.0V to +5.5V, 10nA,
RS-232/RS-485/RS-422 Multiprotocol Transceivers
8
_______________________________________________________________________________________
1.0
µs/div
MAX3160E
RS-232 TRANSMITTER PROPAGATION
(FAST = GND, 250kbps)
T_OUT
5V/div
MAX3160E toc22
CL = 1000pF
RL = 7k
DI
2V/div
1.0
µs/div
MAX3160E
RS-232 TRANSMITTER PROPAGATION
(FAST = VCC, 250kbps)
T_OUT
5V/div
MAX3160E toc23
CL = 150pF
RL = 7k
DI
2V/div
1.0
µs/div
MAX3161E/MAX3162E
RS-232 TRANSMITTER PROPAGATION
(FAST = GND, 250kbps)
T_OUT
5V/div
MAX3160E toc24
CL = 1000pF
RL = 7k
DI
2V/div
1.0
µs/div
MAX3161E/MAX3162E
RS-232 TRANSMITTER PROPAGATION
(FAST = VCC, 250kbps)
T_OUT
5V/div
MAX3160E toc25
CL = 150pF
RL = 7k
DI
2V/div
-10.00
-5.00
-7.50
0
-2.50
2.50
5.00
7.50
10.00
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
6.0
TRANSMITTER OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE (FAST = GND)
SUPPLY VOLTAGE (V)
INPUTS AT VCC AND GND
2 TRANSMITTERS LOADED WITH 3k
0
2
4
6
8
10
12
2.0
3.0
2.5
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY CURRENT vs. SUPPLY VOLTAGE
WITH RS-232 RUNNING (FAST = GND)
SUPPLY VOLTAGE (V)
CL = 50pF
RL = 3k
1 TRANSMITTER AT 250kbps
Typical Operating Characteristics (continued)
(VCC = +3.3V, 250kbps data rate, CBYPASS, C1, C2, C3, C4 = 0.1µF, all RS-232 transmitters (RS-232 mode) loaded with 3k
Ω to
ground, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3160E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160EAP MAXIM-MAX3160EAP Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160EAP++ MAXIM-MAX3160EAP+ Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160EAP++ MAXIM-MAX3160EAP+ Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
More results

Similar Description - MAX3160E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160 MAXIM-MAX3160_09 Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
   3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Exar Corporation
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com