Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1146 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1146
Description  Multichannel, True-Differential, Serial, 14-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1146 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1146 Datasheet HTML 1Page - Maxim Integrated Products MAX1146 Datasheet HTML 2Page - Maxim Integrated Products MAX1146 Datasheet HTML 3Page - Maxim Integrated Products MAX1146 Datasheet HTML 4Page - Maxim Integrated Products MAX1146 Datasheet HTML 5Page - Maxim Integrated Products MAX1146 Datasheet HTML 6Page - Maxim Integrated Products MAX1146 Datasheet HTML 7Page - Maxim Integrated Products MAX1146 Datasheet HTML 8Page - Maxim Integrated Products MAX1146 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Multichannel, True-Differential,
Serial, 14-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V (MAX1146/MAX1148), VDD = 3.3V (MAX1147/MAX1149), SHDN = VDD, VCOM = 0, fSCLK = 2.1MHz, external clock (50%
duty cycle), 18 clocks/conversion (116ksps), VREFADJ = VDD, CREF = 2.2µF, external +4.096V reference at REF (MAX1146/
MAX1148), external 2.500V reference at REF (MAX1147/MAX1149), TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND, DGND ............................................-0.3V to +6.0V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7, COM to AGND..........................-0.3V to (VDD + 0.3V)
REF, REFADJ to AGND ..............................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND...............................-0.3V to (VDD + 0.3V)
Digital Outputs to DGND ............................-0.3V to (VDD + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
20 TSSOP (derate 10.9mW/°C above +70°C) .............879mW
Operating Temperature Ranges
MAX114_ BC_ _ ..................................................0°C to +70°C
MAX114_ BE_ _ ...............................................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
14
Bits
Relative Accuracy (Note 2)
INL
±0.7
±2
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
-1.0
±0.5
+1.5
LSB
Offset Error
±10
LSB
Offset Temperature Coefficient
0.3
ppm/°C
Gain Error
(Note 3)
±20
LSB
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
Matching
±1
LSB
Channel-to-Channel Gain
Matching
±1
LSB
DYNAMIC SPECIFICATIONS (1kHz sine-wave input, 2.5VP-P, full-scale analog input, 116ksps, 2.1MHz external clock)
Signal-to-Noise Plus Distortion
Ratio
SINAD
77
81
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-96
-88
dB
Spurious-Free Dynamic Range
SFDR
84
98
dB
Channel-to-Channel Crosstalk
(Note 4)
-85
dB
Small-Signal Bandwidth
SSBW
-3dB point
3.0
MHz
Full-Power Bandwidth
FPBW
SINAD > 68dB
2.0
MHz
CONVERSION RATE
External clock, 2.1MHz 15 SCLK cycles
7.2
Conversion Time (Note 5)
tCONV
Internal clock
6
8
µs


Similar Part No. - MAX1146

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1146BCUP MAXIM-MAX1146BCUP Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1146BEUP MAXIM-MAX1146BEUP Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1146 MAXIM-MAX1146_V01 Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
More results

Similar Description - MAX1146

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1146 MAXIM-MAX1146_V01 Datasheet
290Kb / 25P
   Multichannel, True-Differential, Serial, 14-Bit ADCs
2007
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1072 MAXIM-MAX1072 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 1/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1224 MAXIM-MAX1224 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com