Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM511000C-50ZS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM511000C-50ZS
Description  1,048,576-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511000C-50ZS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM511000C-50ZS Datasheet HTML 3Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 4Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 5Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 6Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 7Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 8Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 9Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 10Page - OKI electronic componets MSM511000C-50ZS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
¡ Semiconductor
MSM511000C/CL
AC Characteristics (2/2)
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to RAS
Write Command Set-up Time
Write Command Hold Time
Write Command Hold Time from RAS
Write Command Pulse Width
Write Command to RAS Lead Time
Write Command to CAS Lead Time
Data-in Set-up Time
Data-in Hold Time
Data-in Hold Time from RAS
CAS to WE Delay Time
Column Address to WE Delay Time
RAS to WE Delay Time
CAS Active Delay Time from RAS Precharge
RAS to CAS Set-up Time (CAS before RAS)
RAS to CAS Hold Time (CAS before RAS)
CAS Precharge WE Delay Time
Parameter
Symbol
MSM511000
C/CL-45
MSM511000
C/CL-50
MSM511000
C/CL-60
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note
8
8
9
10
10
9
9
9
9
tRCS
tRCH
tRRH
tWCS
tWCH
tWP
tCWL
tRWL
tDS
tDH
tDHR
tCWD
tAWD
tRWD
tCPWD
tRPC
tCSR
tCHR
tWCR
Min.
0
0
0
0
10
10
14
14
0
12
35
14
24
45
33
0
10
25
35
Max.
—ns
Min.
0
0
0
0
10
10
14
14
0
13
40
14
26
50
35
0
10
25
40
Max. Min.
0
0
0
0
10
10
15
15
0
15
50
15
30
60
40
0
10
30
50
Max.
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
MSM511000
C/CL-70
Min.
0
0
0
0
15
15
20
20
0
15
55
20
35
70
45
0
10
30
55
Max.


Similar Part No. - MSM511000C-50ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116100A OKI-MSM5116100A Datasheet
1Mb / 15P
   16,777,216-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160DSL OKI-MSM5116160DSL Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160F OKI-MSM5116160F Datasheet
232Kb / 15P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM511000C-50ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
   1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com