Electronic Components Datasheet Search |
|
IDT723633L15PF Datasheet(PDF) 4 Page - Jinan Gude Electronic Device |
|
IDT723633L15PF Datasheet(HTML) 4 Page - Jinan Gude Electronic Device |
4 / 28 page 4 COMMERCIALTEMPERATURERANGE IDT723623/723633/723643 BUS-MATCHING SyncFIFO™ 256 x 36, 512 x 36, 1,024 x 36 PIN DESCRIPTIONS Symbol Name I/O Description A0-A35 Port A Data I/O 36-bit bidirectional data port for side A. AE Almost-Empty O Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in the FIFO Flag (Port B) is less than or equal to the value in the Almost-Empty B offset register, X. AF Almost-Full O Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty locations in the Flag (Port A) FIFO is less than or equal to the value in the Almost-Full A offset register, Y. B0-B35 Port B Data I/O 36-bit bidirectional data port for side B. BE/ FWFT Big-Endian/ I This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation. In this case, First Word depending on the bus size, the most significant byte or word written to Port A is read from Port B first. A Fall Through LOW on BE will select Little-Endian operation. In this case, the least significant byte or word written to Port A is read from Port B first. After Master Reset, this pin selects the timing mode. A HIGH on FWFT selects IDT Standard mode, a LOW selects First Word Fall Through mode. Once the timing mode has been selected, the level on FWFT must be static throughout device operation. BM(1) Bus-Match I A HIGH on this pin enables either byte or word bus width on Port B, depending on the state of SIZE. A Select (Port B) LOW selects long word operation. BM works with SIZE and BE to select the bus size and endian arrangement for Port B. The level of BM must be static throughout device operation. CLKA Port A Clock I CLKA is a continuous clock that synchronizes all data transfers through Port A and can be asynchronous or coincident to CLKB. FF/IR and AF are synchronized to the LOW-to-HIGH transition of CLKA. CLKB Port B Clock I CLKB is a continuous clock that synchronizes all data transfers through Port B and can be asynchronous or coincident to CLKA. EF/OR and AE are synchronized to the LOW-to-HIGH transition of CLKB. CSA Port A Chip I CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A. The A0-A35 Select outputs are in the high-impedance state when CSA is HIGH. CSB Port B Chip I CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write on Port B. The B0-B35 Select outputs are in the high-impedance state when CSB is HIGH. EF/OR Empty/Output O This is a dual function pin. In the IDT Standard mode, the EF function is selected. EF indicates whether or Ready Flag not the FIFO memory is empty. In the FWFT mode, the OR function is selected. OR indicates the presence of valid (Port B) dataontheB0-B35outputs,availableforreading. EF/ORissynchronizedtotheLOW-to-HIGHtransitionofCLKB. ENA Port A Enable I ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A. ENB Port B Enable I ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B. FF/IR Full/Input O This is a dual function pin. In the IDT Standard mode, the FF function is selected. FF indicates whether or Ready Flag not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR indicates whether or not there (Port A) is space available for writing to the FIFO memory. FF/IR is synchronized to the LOW-to-HIGH transition of CLKA. FS1/ SEN FlagOffset I FS1/SEN and FS0/SD are dual-purpose inputs used for flag offset register programming. During Reset, Select 1/ FS1/ SENandFS0/SD,togetherwithSPM,selecttheflagoffsetprogrammingmethod.Threeoffsetregister Serial Enable, programming methods are available: automatically load one of three preset values (8, 16, or 64), parallel load from Port A, and serial load. FS0/SD FlagOffset I When serial load is selected for flag offset register programming, FS1/ SEN is used as an enable synchronous Select 0/ to the LOW-to-HIGH transition of CLKA. When FS1/ SEN is LOW, a rising edge on CLKA load the bit present Serial Data on FS0/SD into the X and Y registers. The number of bit writes required to program the offset registers is 16 for the IDT723623, 18 for the IDT723633, and 20 for the IDT723643. The first bit write stores the Y-register MSB and the last bit write stores the X-register LSB. MBA Port A Mailbox I A HIGH level on MBA chooses a mailbox register for a Port A read or write operation. Select MBB Port B Mailbox I A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the B0-B35 Select outputs are active, a HIGH level on MBB selects data from the mail1 register for output and a LOW level selects FIFO data for output. MBF1 Mail1 Register O MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register. Writes to Flag the mail1 register are inhibited while MBF1 is LOW. MBF1 is set HIGH by a LOW-to-HIGH transition of CLKB when a Port B read is selected and MBB is HIGH. MBF1 is set HIGH following either a Reset (RS1) or Partial Reset ( PRS). |
Similar Part No. - IDT723633L15PF |
|
Similar Description - IDT723633L15PF |