Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6610 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6610
Description  HEXFET Power MOSFET Silicon Technology with the advanced DirectFETTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6610 Datasheet(HTML) 2 Page - International Rectifier

  IRF6610 Datasheet HTML 1Page - International Rectifier IRF6610 Datasheet HTML 2Page - International Rectifier IRF6610 Datasheet HTML 3Page - International Rectifier IRF6610 Datasheet HTML 4Page - International Rectifier IRF6610 Datasheet HTML 5Page - International Rectifier IRF6610 Datasheet HTML 6Page - International Rectifier IRF6610 Datasheet HTML 7Page - International Rectifier IRF6610 Datasheet HTML 8Page - International Rectifier IRF6610 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6610
2
www.irf.com
Pulse width
≤ 400µs; duty cycle ≤ 2%.
Repetitive rating; pulse width limited by max. junction temperature.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
15
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.2
6.8
m
–––
8.2
10.7
VGS(th)
Gate Threshold Voltage
1.65
2.1
2.55
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.2
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
41
–––
–––
S
Qg
Total Gate Charge
–––
11
17
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.3
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.6
–––
Qgodr
Gate Charge Overdrive
–––
2.4
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.9
–––
Qoss
Output Charge
–––
5.9
–––
nC
RG
Gate Resistance
–––
2.0
–––
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
51
–––
td(off)
Turn-Off Delay Time
–––
15
–––
ns
tf
Fall Time
–––
5.7
–––
Ciss
Input Capacitance
–––
1520
–––
Coss
Output Capacitance
–––
440
–––
pF
Crss
Reverse Transfer Capacitance
–––
220
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.8
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
120
(Body Diode)
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
12
18
ns
Qrr
Reverse Recovery Charge
–––
2.4
3.6
nC
di/dt = 100A/µs
TJ = 25°C, IS = 12A, VGS = 0V
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 12A
VDS = VGS, ID = 250µA
TJ = 25°C, IF = 12A
VGS = 4.5V
ID = 12A
VGS = 0V
VDS = 10V
ID = 12A
VDD = 16V, VGS = 4.5V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A
VGS = 20V
VGS = -20V
VDS = 16V, VGS = 0V
VDS = 10V
VDS = 16V, VGS = 0V, TJ = 125°C
MOSFET symbol
Clamped Inductive Load
VDS = 10V, ID = 12A
Conditions
ƒ = 1.0MHz
VDS = 10V, VGS = 0V


Similar Part No. - IRF6610

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610TRPbF IRF-IRF6610TRPbF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results

Similar Description - IRF6610

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
IRF6633ATRPBF IRF-IRF6633ATRPBF Datasheet
268Kb / 9P
   DirectFETTM Power MOSFET
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com