Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21381Q Datasheet(PDF) 3 Page - International Rectifier

Part # IR21381Q
Description  3-PHASE AC MOTOR CONTROLLER IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21381Q Datasheet(HTML) 3 Page - International Rectifier

  IR21381Q Datasheet HTML 1Page - International Rectifier IR21381Q Datasheet HTML 2Page - International Rectifier IR21381Q Datasheet HTML 3Page - International Rectifier IR21381Q Datasheet HTML 4Page - International Rectifier IR21381Q Datasheet HTML 5Page - International Rectifier IR21381Q Datasheet HTML 6Page - International Rectifier IR21381Q Datasheet HTML 7Page - International Rectifier IR21381Q Datasheet HTML 8Page - International Rectifier IR21381Q Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IR22381Q
PBF/IR21381Q(PbF)
3
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3 ) = 15V and TA = 25 °C unless otherwise specified.
I/O diagrams don’t show ESD protection circuits.
Pin: VCC, VSS, VB, VS
Symbol
Definition
Min Typ Max Units
Test
Conditions
VCCUV+
Vcc1 supply undervoltage positive going threshold
10.3 11.2 12.5
VCCUV-
Vcc1 supply undervoltage negative going threshold
9.5 10.2 11.3
VCCUVH
Vcc1 supply undervoltage lockout hysteresis
-
1.0
-
VBSUV+
VBS supply undervoltage positive going threshold
10.3 11.2 1
1.9
VBSUV-
VBS supply undervoltage negative going threshold
9.5 10.2 1
0.9
VBSUVH
VBS supply undervoltage lockout hysteresis
-
1.0
-
V
(IR21381Q)
-
-
50
VB1,2,3 =VS1,2,3 =
600V
ILK
Offset supply leakage current
(IR22381Q)
-
-
50
VB1,2,3 =VS1,2,3 =
1200V
IQBS
Quiescent VBS supply current
-
150 300
µA
VLIN=0V,VHIN=5V,
DSH1,2,3= VS1,2,3
IQCC
Quiescent Vcc supply current
-
3
6
mA
VLIN=0V,VHIN=5V
DT=1µsec
VCC/VB
Comparator
VSS/VS
VCCUV/VBSUV
UV
Figure 1: Undervoltage diagram
Pin: HIN/N, LIN, BRIN/N, SD
The VIN, VTH and IIN parameters are referenced to VSS and are applicable to all six channels (HOP/HOQ/ HON1,2,3
and LOP/LOQ/LON1,2,3).
Symbol
Definition
Min Typ Max Units
Test
Conditions
VIH
Logic "0" input voltage
(HIN/N, LIN, BRIN/N, SD)(OUT=LO)
2.0
-
-
VIL
Logic "1" input voltage
(HIN/N, LIN, BRIN/N, SD)(OUT=HI)
-
-
0.8
Vt+
Logic input positive going threshold
(HIN/N, LIN, BRIN/N, SD)
1.2
1.6
2.0
Vt-
Logic input negative going threshold
(HIN/N, LIN, BRIN/N, SD)
0.8
1.2
1.6
∆VT
Logic input hysteresis(HIN/N, LIN, BRIN/N, SD)
-
0.4
-
V
VCC = 12.5V to
20V
IIN+
Logic "1" input bias current (HIN/N, BRIN/N)
Logic "1" input bias current (LIN, SD)
-2
-
-
85
0
140
VIN = 0V
VIN = 5V
IIN-
Logic "0" input bias current (HIN/N, BRIN/N)
Logic "0" input bias current (LIN, SD)
-
-2
85
-
140
0
µA
VIN = 5V
VIN = 0V


Similar Part No. - IR21381Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR213 INFINEON-IR213 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
logo
International Rectifier
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
298Kb / 26P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2130 INFINEON-IR2130 Datasheet
306Kb / 26P
   3-PHASE BRIDGE DRIVER
Data Sheet No. PD60019 Rev.P
More results

Similar Description - IR21381Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
logo
Motorola, Inc
MC3PHAC MOTOROLA-MC3PHAC Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Renesas Technology Corp
M63155FP RENESAS-M63155FP Datasheet
847Kb / 41P
   3 PHASE BRUSHLESS MOTOR CONTROLLER
logo
Allegro MicroSystems
A4923 ALLEGRO-A4923 Datasheet
536Kb / 11P
   3-Phase Sinusoidal Motor Controller
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
   1, 2, or 3-Phase Variable Speed AC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com