Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM511000CL-70JS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM511000CL-70JS
Description  1,048,576-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511000CL-70JS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM511000CL-70JS Datasheet HTML 1Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 2Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 3Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 4Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 5Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 6Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 7Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 8Page - OKI electronic componets MSM511000CL-70JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
¡ Semiconductor
MSM511000C/CL
PIN CONFIGURATION (TOP VIEW)
3
5
7
11
13
15
17
19
DOUT
DIN
RAS
A0
A2
VCC
A5
A7
1
A9
9
NC
4
6
8
12
14
16
18
20
VSS
WE
NC
A1
A3
A4
A6
A8
2
CAS
20-Pin Plastic ZIP
NO LEAD
3
4
5
9
10
11
12
13
RAS
NC
NC
A0
A1
A2
A3
VCC
24
23
22
18
17
16
15
14
CAS
NC
A9
A8
A7
A6
A5
A4
2
WE
25 DOUT
1
DIN
26 VSS
26/20-Pin Plastic SOJ
,
Pin Name
Function
A0 - A9
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DIN
Data Input
DOUT
Data Output
WE
Write Enable
VCC
Power Supply (5 V)
VSS
Ground (0 V)
NC
No Connection


Similar Part No. - MSM511000CL-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116100A OKI-MSM5116100A Datasheet
1Mb / 15P
   16,777,216-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160DSL OKI-MSM5116160DSL Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160F OKI-MSM5116160F Datasheet
232Kb / 15P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM511000CL-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
   1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com