5 / 35 page
5
Kordis Media Co.,ltd.
Data Sheet NCB400U4
GENERAL SPECIFICATION
No.
Item
Description
For WXGA Panel
NCB400W4
1
Model name
For UXGA Panel
NCB400U4
2
LCD Module
WXGA, UXGA
3
Signal Input
Analog RGB Input. NTSC/PAL
H: 31 ∼ 80kHz
4
Resolution
Support
V: 55 ∼ 76Hz
OSD Control
Menu, Left, Right, Up, Down, Source, Power
5 keys
5
Plug & Play
VESA DDC 2B Ver1.3
6
Power Connector
Input
Type:
IEC320
MALE
3Line
Connector
Supply
Voltage
12V, 18V or 24V
cf)
Back
Light
Inverter
7.
Power
Consumption
Max Power
130W (With Back Light Inverter)
Note1)
Analog
DSUB 15P(R, G, B Separate H, V
Sync)
Digital
DVI-D(TMDS)
8
Signal Connector
Video
MINIDIN-4P(SVHS), RCA(CVBS)