Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


H.261 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H.261
Description  LINE TRANSMISSION OF NON-TELEPHONE SIGNALS
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
INTERNATIONAL TELECOMMUNICATION UNION
ITU-T
H.261
TELECOMMUNICATION
(03/93)
STANDARDIZATION SECTOR
OF ITU
{This document has included corrections to typographical errors listed in Annex
5 to COM 15R 16-E dated June 1994. - Sakae OKUBO}
LINE TRANSMISSION OF NON-TELEPHONE
SIGNALS
VIDEO CODEC FOR AUDIOVISUAL
SERVICES AT p
× 64 kbit/s
ITU-T Recommendation H.261
(Previously “CCITT Recommendation”)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MABACT00591:1 Transmission Line Transformer 4.5 - 3000MHz 1 2 3 Tyco Electronics
MABACT00391:1 Transmission Line Transformer 5-3000MHz 1 2 3 Tyco Electronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
TLP113Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D 1 2 3 4 5 MoreToshiba Semiconductor
MABACT00561:1 Transmission Line Transformer 4.5-2000MHz 1 2 3 Tyco Electronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
ETC1-1-13E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz 1 2 Tyco Electronics
MABACT00654:1 Transmission Line Transformer 500-3000MHz 1 2 3 Tyco Electronics
ETC16-4-2-3E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz 1 2 Tyco Electronics
MABACT00664:1 Transmission Line Transformer 5-1000MHz 1 2 3 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl