Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTF701-HS3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GTF701-HS3
Description  2-Line EMI-Filter with ESD -Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GTF701-HS3 Datasheet(HTML) 3 Page - Vishay Siliconix

  GTF701-HS3 Datasheet HTML 1Page - Vishay Siliconix GTF701-HS3 Datasheet HTML 2Page - Vishay Siliconix GTF701-HS3 Datasheet HTML 3Page - Vishay Siliconix GTF701-HS3 Datasheet HTML 4Page - Vishay Siliconix GTF701-HS3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
GTF701-HS3
Document Number 85827
Rev. 1.3, 05-Jul-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Typical Capacitance vs. Reverse Voltage
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Typical Reverse Voltage vs. Reverse Current
0
20
40
60
80
100
120
140
0123456
18900
VR - Reverse Voltage ( V)
f=1MHz
0.001
0.01
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
VF - Forward Voltage ( V )
18901
0
1
2
3
4
5
6
7
8
0.01
0.1
1
10
100
1000
IR - Reverse Current ( µA)
18902


Similar Part No. - GTF701-HS3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GTFH081X1YHR AMPHENOL-GTFH081X1YHR Datasheet
747Kb / 2P
   high temperature thermoplastic
More results

Similar Description - GTF701-HS3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2230XV6 ONSEMI-NUF2230XV6 Datasheet
50Kb / 4P
   2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.3
NUF2240W1 ONSEMI-NUF2240W1 Datasheet
55Kb / 4P
   2 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 1
NUF2220XV6 ONSEMI-NUF2220XV6 Datasheet
50Kb / 4P
   2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.2
NUF2450 ONSEMI-NUF2450 Datasheet
107Kb / 3P
   2 Line EMI Filter with ESD Protection
October, 2011 ??Rev. 0
NUF2114MN ONSEMI-NUF2114MN Datasheet
172Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
August, 2006 ??Rev. 1
NUF2070MN ONSEMI-NUF2070MN Datasheet
50Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN Datasheet
82Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN_07 Datasheet
127Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
March, 2007 ??Rev. 1
logo
STMicroelectronics
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
   2-line IPAD, EMI filter with ESD protection
logo
ON Semiconductor
NUF2114 ONSEMI-NUF2114 Datasheet
128Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
October, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com