Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9161A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM9161A
Description  10/100 MBPS FAST ETHEMET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9161A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM9161A Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9161A Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Preliminary
12
Version: DM9161A-DS-P04
Jan.19, 2005
6.LED Configuration
LEDs flash once per 500ms after power-on reset or
software reset by writing PHY register. All LED pins
are dual function pins, which can be configured as
either active high or low by pulling them low or high
accordingly. If the pin is pulled high, the LED is active
low after reset. Likewise, if the pin is pulled low, the
LED is active high.
DVDD
DM9161A
510 Ohm
Pull Low for
Reset
10K Ohm
510Ohm
Pull High for
Reset


Similar Part No. - DM9161A

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A Datasheet
456Kb / 45P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AE DAVICOM-DM9161AE Datasheet
456Kb / 45P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AE DAVICOM-DM9161AE Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
456Kb / 45P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results

Similar Description - DM9161A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com