Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5206-1GDPR3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5206-1GDPR3
Description  6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5206-1GDPR3 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5206-1GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5206-1GDPR3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CS5206−1, CS5206−3, CS5206−5
http://onsemi.com
2
+
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
Gnd
VIN
Figure 2. Block Diagram − CS5206−2, −3
MAXIMUM RATINGS*
Parameter
Value
Unit
Supply Voltage, VCC
17
V
Operating Temperature Range
−40 to +70
°C
Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) Note 1
Reflow (SMD styles only) Note 2
260 Peak
230 Peak
°C
1. 10 second maximum.
2. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (CIN = 10 µF, COUT = 22 µF, Tantalum, VIN − VOUT = 3.0 V, VIN ≤ 15 V, 0°C ≤ TA ≤ 70°C,
TJ = +150°C, unless otherwise specified, Ifull load = 6.0 A.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Adjustable Output Voltage (CS5206−1)
Reference Voltage (Notes 3 and 4)
VIN − VOUT = 1.5 V; VAdj = 0 V,
10 mA
≤ IOUT ≤ 6.0 A
1.241
(−1%)
1.254
1.266
(+1%)
V
Line Regulation
1.5 V
≤ VIN − VOUT ≤ 6.0 V; IOUT = 10 mA
0.04
0.20
%
Load Regulation (Notes 3 and 4)
VIN − VOUT = 1.5 V; 10 mA ≤ IOUT ≤ 6.0 A
0.1
0.4
%
Dropout Voltage (Note 5)
IOUT = 6.0 A
1.3
1.4
V
Current Limit
VIN − VOUT = 3.0 V; TJ ≥ 25°C
VIN − VOUT = 9.0 V
6.5
8.5
1.0
6.0
A
A
Minimum Load Current
VIN − VOUT = 7.0 V
1.2
100
mA
Adjust Pin Current
50
5.0
µA
Adjust Pin Current Change
1.5 V
≤ VIN − VOUT ≤ 4.0 V;
10 mA
≤ IOUT ≤ 6.0 A
0.2
µA
Thermal Regulation
30 ms pulse; TA = 25°C
0.003
%/W
3. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to thermal gradients or temperature changes must be taken into account separately.
4. Specifictions apply for an external Kelvin sense connection atr a point on the output pin 1/4” from the bottom of the package.
5. Dropout voltage is a measurement of the minimum input/output differentail at full load.


Similar Part No. - CS5206-1GDPR3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5206-1GDPR3 CHERRY-CS5206-1GDPR3 Datasheet
164Kb / 7P
   6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
More results

Similar Description - CS5206-1GDPR3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
   5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
CS5206-1 CHERRY-CS5206-1 Datasheet
164Kb / 7P
   6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com