Electronic Components Datasheet Search |
|
CM1405-03CP Datasheet(PDF) 11 Page - California Micro Devices Corp |
|
CM1405-03CP Datasheet(HTML) 11 Page - California Micro Devices Corp |
11 / 11 page © 2004 California Micro Devices Corp. All rights reserved. 06/16/04 430 N. McCarthy Blvd., Milpitas, CA 95035-5112 ● Tel: 408.263.3214 ● Fax: 408.263.7846 ● www.calmicro.com 11 CM1405 Mechanical Details (cont’d) CM1405-03 Mechanical Specifications The package dimensions for the CM1405-03 are pre- sented below. Package Dimensions for CM1405-03 Chip Scale Package CSP Tape and Reel Specifications Figure 13. Tape and Reel Mechanical Data PACKAGE DIMENSIONS Package Custom CSP Bumps 20 Dim Millimeters Inches Min Nom Max Min Nom Max A1 3.955 4.000 4.045 0.1557 0.1575 0.1593 A2 1.413 1.458 1.503 0.0556 0.0574 0.0592 B1 0.495 0.500 0.505 0.0195 0.0197 0.0199 B2 0.245 0.250 0.255 0.0096 0.0098 0.0100 B3 0.430 0.435 0.440 0.0169 0.0171 0.0173 B4 0.430 0.435 0.440 0.0169 0.0171 0.0173 C1 0.200 0.250 0.300 0.0079 0.0098 0.0118 C2 0.244 0.294 0.344 0.0096 0.0116 0.0135 D1 0.600 0.670 0.739 0.0236 0.0264 0.0291 D2 0.394 0.445 0.495 0.0155 0.0175 0.0195 # per tape and reel 3500 pieces Controlling dimension: millimeters Mechanical Package Diagrams A C 3456 C1 B1 A1 DIMENSIONS IN MILLIMETERS D1 D2 BOTTOM VIEW SIDE VIEW 12 B2 78 B A 0.30 DIA. 63/37 Sn/Pb (Eutectic) or SOLDER BUMPS 95.5/3.8/0.7 Sn/Ag/Cu (Lead-free) OptiGuardTM Coating PART NUMBER CHIP SIZE (mm) POCKET SIZE (mm) B0 X A0 X K0 TAPE WIDTH W REEL DIAMETER QTY PER REEL P0 P1 CM1405 4.00 X 1.46 X 0.6 4.11 X 1.57 X 0.76 12mm 330mm (13") 3500 4mm 4mm Top For Tape Feeder Reference Cover Tape P1 Only including Draft. Concentric Around B. Ko Embossment User Direction of Feed ±0.2 mm Po Center Lines of Cavity W 10 Pitches Cumulative Tolerance On Tape Ao Bo |
Similar Part No. - CM1405-03CP |
|
Similar Description - CM1405-03CP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |