Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7207-30B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK7207-30B
Description  TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7207-30B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK7207-30B Datasheet HTML 4Page - NXP Semiconductors BUK7207-30B Datasheet HTML 5Page - NXP Semiconductors BUK7207-30B Datasheet HTML 6Page - NXP Semiconductors BUK7207-30B Datasheet HTML 7Page - NXP Semiconductors BUK7207-30B Datasheet HTML 8Page - NXP Semiconductors BUK7207-30B Datasheet HTML 9Page - NXP Semiconductors BUK7207-30B Datasheet HTML 10Page - NXP Semiconductors BUK7207-30B Datasheet HTML 11Page - NXP Semiconductors BUK7207-30B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
BUK7207-30B
TrenchMOS™ standard level FET
Product data
Rev. 02 — 22 January 2004
8 of 12
9397 750 12227
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
VDS =25V
Tj =25 °C; ID =25A
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
VGS =0V
Fig 15. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
03nk82
0
25
50
75
100
02
46
8
VGS (V)
ID
(A)
Tj = 185 °C
Tj = 25 °C
03nk80
0
2
4
6
8
10
0
1020
3040
QG (nC)
VGS
(V)
VDD = 14 V
VDD = 24 V
03nk79
0
25
50
75
100
0.0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 185 °C
Tj = 25 °C


Similar Part No. - BUK7207-30B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK7207-30B ISC-BUK7207-30B Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7207-30B NEXPERIA-BUK7207-30B Datasheet
834Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 3 - 23 February 2011
logo
NXP Semiconductors
BUK7207-30B PHILIPS-BUK7207-30B_15 Datasheet
213Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 3-23 February 2011
More results

Similar Description - BUK7207-30B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com