Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-994-1 Datasheet(PDF) 6 Page - International Rectifier

Part # AN-994-1
Description  MAXIMIZING THE EFFECTIVENESS OF YOUR SMD ASSEMBLIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-994-1 Datasheet(HTML) 6 Page - International Rectifier

  AN-994-1 Datasheet HTML 1Page - International Rectifier AN-994-1 Datasheet HTML 2Page - International Rectifier AN-994-1 Datasheet HTML 3Page - International Rectifier AN-994-1 Datasheet HTML 4Page - International Rectifier AN-994-1 Datasheet HTML 5Page - International Rectifier AN-994-1 Datasheet HTML 6Page - International Rectifier AN-994-1 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
Section V: Heat profiles
Reflow Soldering Heat Profiles
A major problem associated with surface mounting of
electronic components, especially those with
mismatched internal expansion coefficients is the
thermal shock of the soldering process. The advent of
lead free assemblies has driven the requirement to
develop and implement new handling techniques for
surface mounting devices. Typical lead free solders
have higher melting point temperatures than the
traditional Pb based solders. Whereas previously,
assemblies could be mounted at peak reflow
temperatures in the range of 220
°C to 245°C, Pb free
assemblies require reflow temperatures in the range of
245
°C to 260°C. The higher peak reflow temperatures
require careful control of the reflow environment to
prevent over temperature conditions that can severely
degrade the reliability of surface mount devices.
Caution must be taken when choosing the reflow
profile in order to optimize the thermal stresses that are
applied to either Pb based or Pb free assemblies.
In addition to the over temperature considerations,
under temperature conditions can in turn result in a
failure of the mechanical attachment of the device
during the reflow profile. A carefully controlled preheat
and post-cooling sequence is necessary. Properly
controlling the preheat cycle will remove any volatile
component of the solder paste such as alcohol or
water by evaporation prior to the solder fusing cycle.
This will reduce the chances of forming void or solder
ball.
This thermal conditioning can be applied in several
ways such as using Infrared/Convection ovens, Vapor
Phase, or Wave Solder equipments. The
recommended thermal conditioning method is the
Infrared/Convection Soldering Temp / Time Profile
described below:
Infrared/Convection Soldering Temp/Time Profile.
The critical parameters shown below are defined in
table 2 by solder paste type and device volume.
TSmax
TSmin
tp
TL
TP
ts preheat
tL
Ramp down
Ramp up
t 25°C to peak
Time
Temperature
Figure 5: Soldering & Test Profile


Similar Part No. - AN-994-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AN-990 IRF-AN-990 Datasheet
579Kb / 17P
   Application Note
logo
Fairchild Semiconductor
AN-996 FAIRCHILD-AN-996 Datasheet
198Kb / 2P
   Using the Fairchild FST Bus Switch as a 5V to 3V Translator
logo
International Rectifier
AN-999 IRF-AN-999 Datasheet
84Kb / 5P
   International Rectifier?셲 Total Dose Radiation
More results

Similar Description - AN-994-1

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
logo
List of Unclassifed Man...
88950400 ETC2-88950400 Datasheet
84Kb / 2P
   Highlight the data of your automation application
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
Vishay Siliconix
91032 VISHAY-91032 Datasheet
175Kb / 9P
   the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness
Rev. C, 30-May-11
logo
Advantech Co., Ltd.
DS-980 ADVANTECH-DS-980 Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
logo
Tyco Electronics
408-10210 MACOM-408-10210 Datasheet
634Kb / 8P
   The die assemblies consist of stationary dies and moving dies
logo
Omron Electronics LLC
E2E-X2E1-M1 OMRON-E2E-X2E1-M1 Datasheet
1Mb / 34P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX2E1 OMRON-E2EX2E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com