Electronic Components Datasheet Search |
|
AFEDRI8201 Datasheet(PDF) 1 Page - Burr-Brown (TI) |
|
|
AFEDRI8201 Datasheet(HTML) 1 Page - Burr-Brown (TI) |
1 / 22 page FEATURES D Interfaces To Texas Instruments DRIx50 HD Radio Baseband Processors D 12-Bit, 80MSPS ADC Reduces Noise and Improves Sensitivity D Typical SNR of 102dB in 3kHz Bandwidth D Programmable Input Range For Optimum Tuner Dynamic Range D Integrated Digital Downconverter (DDC) − Quadrature Mixer, NCO, CIC Decimation Filter, And FIR Filters D Mixer: 32-Bit Frequency and Phase D Decimation Ratio: 32 to 4096 D User-Programmable FIR Filters with 16-Bit Coefficients D 12-Bit Auxiliary DAC D Code Composer Module for Easy Software Generation D SPI Control Interface APPLICATIONS D AM/FM and HD Radio Receivers D IF Receive Channels D Software Radios D Narrowband Receivers DESCRIPTION The AFEDRI8201 implements the receive channel analog functions required for intermediate-frequency (IF) sampled AM/FM and HD digital radio receivers. It is designed to be used with TI’s DRIx50 digital baseband processor. The AFEDRI8201 is programmed by the DRIx50 for use in AM/FM and HD radio. The AFEDRI8201 oversamples the radio tuner IF output at speeds of up to 80MHz to reduce noise and improve dynamic range. The radio tuner output IF is typically 10.7MHz for AM or FM as well as 450kHz or 455kHz for AM, as desired. The AFEDRI8201 then mixes, filters, and decimates the signal to provide baseband I and Q output signals to the digital baseband processor. The AFEDRI8201 also includes a general-purpose 12-bit control digital-to-analog converter (DAC) to provide a gain control signal or other analog feedback to the tuner. The DRIx50 digital baseband device writes control register data as well as decimation filter coefficients to the AFEDRI8201 through the industry-standard SPI control interface. The baseband output signals are transported to the DRIx50 through a general-purpose, high-speed serial interface (TI’s Buffered Serial Ports, McBSP). This unit uses 3.3V analog and 1.8V digital power supplies. Typical power dissipation is 490mW. The digital I/O lines can be powered by a 3.3V supply. 12−Bit Pipeline ADC Auxiliary DAC Voltage Reference AUX IFM IFP Quadrature Mixer NCO CIC Filter FIR Filter 1 FIR Filter 2A DOUT0 DOUT1 DFSO DCLK DIN DFSI FIR Filter 2B N 2 2 2 REFM VCM REFP VGB SPI Control Interface SCK MOSI MISO CS Timing Generator PWD SYNC RESET Clock Interface MCLK MCLKB PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. AFEDRI8201 SBWS017F − SEPTEMBER 2003 − REVISED AUGUST 2005 IF ADC Front End for AM/FM and HD Radios www.ti.com Copyright 2003−2005, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SPI is a trademark of Motorola, Inc. All other trademarks are the property of their respective owners. |
Similar Part No. - AFEDRI8201 |
|
Similar Description - AFEDRI8201 |