Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC214MS8E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC214MS8E
Description  HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC214MS8E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC214MS8E Datasheet HTML 1Page - Hittite Microwave Corporation HMC214MS8E Datasheet HTML 2Page - Hittite Microwave Corporation HMC214MS8E Datasheet HTML 3Page - Hittite Microwave Corporation HMC214MS8E Datasheet HTML 4Page - Hittite Microwave Corporation HMC214MS8E Datasheet HTML 5Page - Hittite Microwave Corporation HMC214MS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
12
12 - 74
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs.
Temperature, LO = +17 dBm
Input IP3 vs. LO Drive
Upconverter IP3 vs.
LO Drive, IF = 200 MHz
Input P1dB vs.
Temperature @ LO = +17 dBm
Unless otherwise noted, all measurements performed as a downconverter, with low side LO & IF = 200 MHz.
20
25
30
35
40
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
LO = +15 dBm
LO = +16 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
20
25
30
35
40
45
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
LO = +15 dBm
LO = +16 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
20
25
30
35
40
45
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
15
16
17
18
19
20
21
22
23
24
25
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
HMC214MS8 / 214MS8E
HIGH IP3 GaAs MMIC
MIXER, 2.4 - 4.0 GHz
v00.0205
MxN Spurious Outputs
nLO
mRF
0
1234
0xx
-4
-2
9
xx
190
37
39
35
273
66
49
65
77
397
98
104
85
91
4xx
100
99
104
106
RF Freq = 3.5 GHz @ -10 dBm
LO Freq = 3.3 GHz @ +17 dBm
All values in dBc relative to the IF output power.
Harmonics of LO
nLO Spur @ RF Port
LO Freq (GHz)
1
2
3
4
2.6
35
26
42
39
2.8
30
26
47
40
3.0
29
26
46
42
3.2
28
29
42
xx
3.4
25
28
40
xx
3.6
24
31
39
xx
LO = +17 dBm
All values are in dBc below input LO level @ RF port.


Similar Part No. - HMC214MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC214MS8 HITTITE-HMC214MS8 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
More results

Similar Description - HMC214MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
HMC350MS8 HITTITE-HMC350MS8 Datasheet
211Kb / 6P
   GaAs MMIC HIGH IP3 SINGLEBALANCED MIXER, 0.6 - 1.2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com