Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB2504L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FB2504L
Description  25 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FB2504L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FB2504L Datasheet HTML 1Page - List of Unclassifed Manufacturers FB2504L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
75 A
300 A
450 A2sec
– 55 to + 150 °C
– 55 to + 150 °C
FB2500
FB2500L
50
20
FB2500........ FB2510
FB2500L........ FB2510L
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Max. peak working voltage (V)
Recommended input voltage (V)
Max. forward current R-load: At T case = 55
oC
Max. forward current R-load: At T case = 90
oC
With Al Square Chassis (200 cm2 x 3 mm.)
Tamb = 45
oC
Recurrent peak forward current
10 ms. peak forward current
I2t value for fusing (t = 10 ms)
Operating temperature range
Storage temperature range
V
RWM
V
RMS
I
F(AV)
25 A
17 A
10 A
I
FRM
I
FSM
I2t
T
j
T
stg
Electrical Characteristics at Tamb = 25 °C
V
F
I
R
R
thj-c
Max. forward voltage drop per element at I
F = 12.5 A
Max. reverse current per element at V
RRM d.c.
Typical thermal resistance junction to case
Isolation voltage from case to leads
1.1 V
5 µ A
1.4 oC/W
2500 Vac
FB2501
FB2501L
100
40
FB2502
FB2502L
200
80
FB2504
FB2504L
400
125
FB2506
FB2506L
600
250
FB2508
FB2508L
800
380
FB2510
FB2510L
1000
500
• Glass Passivated Junction
• UL recognized under component
index file number E130180
• Terminals: FASTON
• Terminals: WIRE LEADS
Lead and polarity identifications
High surge current capability
25 Amp. Glass Passivated Bridge Rectifier
Voltage
50 to 1000 V
Current
25 A
Metal heat sink
Ø 1 ± 0.05
Epoxy case
18.1 ± 0.5
11.4 ± 0.5
Metal heat sink
0.8 ± 0.05
6.35 ± 0.05
Ø 2.5
Ø 5.21 + 0.1
0
Epoxy case
18.1
16.6
• Max. Mounting Torque: 25 Kg x cm
®


Similar Part No. - FB2504L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FB250-C1000G EIC-FB250-C1000G Datasheet
45Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FB250-C1000G EIC-FB250-C1000G Datasheet
79Kb / 3P
   FAST RECOVERY GLASS
FB250-C1500RG EIC-FB250-C1500RG Datasheet
44Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - FB2504L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ25005 MCC-GBJ25005_17 Datasheet
633Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier
GBJ2512 MCC-GBJ2512 Datasheet
228Kb / 4P
   25 Amp Glass Passivated Bridge Rectifier 1200 Volts
GBJ2508L MCC-GBJ2508L Datasheet
486Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 800 Volts
GBJ2510H MCC-GBJ2510H Datasheet
272Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 1600 Volts
GBJL25005 MCC-GBJL25005 Datasheet
342Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005_11 Datasheet
253Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005_09 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ25005 MCC-GBJ25005 Datasheet
88Kb / 2P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com