Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE56604-42 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE56604-42
Description  System reset with built-in Watchdog timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56604-42 Datasheet(HTML) 4 Page - NXP Semiconductors

  NE56604-42 Datasheet HTML 1Page - NXP Semiconductors NE56604-42 Datasheet HTML 2Page - NXP Semiconductors NE56604-42 Datasheet HTML 3Page - NXP Semiconductors NE56604-42 Datasheet HTML 4Page - NXP Semiconductors NE56604-42 Datasheet HTML 5Page - NXP Semiconductors NE56604-42 Datasheet HTML 6Page - NXP Semiconductors NE56604-42 Datasheet HTML 7Page - NXP Semiconductors NE56604-42 Datasheet HTML 8Page - NXP Semiconductors NE56604-42 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Philips Semiconductors
Product data
NE56604-42
System reset with built-in Watchdog timer
2003 Oct 15
4
MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Power supply voltage
–0.3
10
V
VVS
VS pin voltage
–0.3
10
V
VCLK
CLK pin voltage
–0.3
10
V
VOH
RESET and RESET pin voltage
–0.3
10
V
Toper
Operating temperature
–20
70
°C
Tstg
Storage temperature
–40
125
°C
P
Power dissipation
250
mW
DC ELECTRICAL CHARACTERISTICS
Characteristics measured with VCC = 5.0 V, and Tamb = 25 °C, unless otherwise specified.
See Figure 26 (Test circuit 1) for test configuration used for DC parameters.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICC
Supply current during Watchdog timer
operation
0.7
1.0
mA
VSL
Reset detection threshold
VS = open; VCC = falling
4.05
4.20
4.35
V
VSH
VS = open; VCC = rising
4.15
4.30
4.45
V
∆VS/∆Tamb
Temperature coefficient of reset threshold
–20
°C ≤ Tamb ≤ 70 °C
±0.01
%/
°C
Vhys
Threshold hysteresis
Vhys = VSH (rising VCC) – VSL
(falling VCC)
50
100
150
mV
VTH
CLK input threshold
0.8
1.2
2.0
V
IIH
CLK input current, HIGH-level
VCLK = 5.0 V
0
1.0
µA
IIL
CLK input current, LOW-level
VCLK = 0 V
–20
–10
–3.0
µA
VOH1
Output voltage, HIGH-level
IRESET = –5.0 µA; VS = open
4.5
4.8
V
VOH2
IRESET current = –5.0 mA; VS = 0 V
4.5
4.8
V
VOL1
Output voltage, LOW-level
IRESET = 3.0 mA; VS = 0 V
0.2
0.4
V
VOL2
IRESET = 10 mA; VS = 0 V
0.3
0.5
V
VOL3
IRESET = 0.5 mA; VS = open
0.2
0.4
V
VOL4
IRESET = 1.0 mA; VS = open
0.3
0.5
V
IOL1
Output sink current
VRESET = 1.0 V; VS = 0 V
10
16
mA
IOL2
VRESET = 1.0 V; VS = open
1.0
2.0
mA
ICT1
CT charge current (Note 1)
VCT = 1.0 V; RCT = open during
Watchdog operation
–0.8
–1.2
–2.4
µA
ICT2
VCT = 1.0 V;
during power-on reset operation
–0.8
–1.2
–2.4
µA
VCCL1
Supply voltage to assert reset operation
VRESET = 0.4 V; IRESET = 0.2 mA
0.8
1.0
V
VCCL2
VRESET = VCC – 0.1 V;
1 M
Ω resistor (pin 2 to GND)
0.8
1.0
V
NOTE:
1. ICT source current is determined by the value of the RCT pull-up resistor to VCC.


Similar Part No. - NE56604-42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
NE56605-42D PHILIPS-NE56605-42D Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
More results

Similar Description - NE56604-42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1135 MITSUMI-MM1135 Datasheet
151Kb / 6P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1035 MITSUMI-MM1035 Datasheet
226Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1096 MITSUMI-MM1096 Datasheet
127Kb / 7P
   System Reset (with built-in watchdog timer) Monolithic MM1096
MM1075 MITSUMI-MM1075 Datasheet
241Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1136 MITSUMI-MM1136 Datasheet
89Kb / 6P
   IC for System Reset (with built-in watchdog timer) Monolithic IC
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com