Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4687 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4687
Description  2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4687 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4687 Datasheet HTML 1Page - Maxim Integrated Products MAX4687 Datasheet HTML 2Page - Maxim Integrated Products MAX4687 Datasheet HTML 3Page - Maxim Integrated Products MAX4687 Datasheet HTML 4Page - Maxim Integrated Products MAX4687 Datasheet HTML 5Page - Maxim Integrated Products MAX4687 Datasheet HTML 6Page - Maxim Integrated Products MAX4687 Datasheet HTML 7Page - Maxim Integrated Products MAX4687 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Proper power-supply sequencing is recommended for all
CMOS devices. Always apply V+ before applying analog
signals, especially if the analog signal is not current limit-
ed. If this sequencing is not possible, and if the analog
inputs are not current limited to <20mA, add a small-sig-
nal diode (D1) as shown in Figure 1. Adding a protection
diode reduces the analog range to a diode drop (about
0.7V) below V+ (for D1). RON increases slightly at low
supply voltages. Maximum supply voltage (V+) must not
exceed +6V.Protection diode D1 also protects against
some overvoltage situations. No damage will result on
Figure 1’s circuit if the supply voltage is below the
absolute maximum rating and if a fault voltage up to the
absolute maximum rating is applied to an analog signal
pin.
UCSP Package Consideration
For general UCSP package information and PC layout
considerations, please refer to the Maxim Application
Note (Wafer-Level Ultra-Chip-Board-Scale Package).
UCSP Reliability
The chip-scale package (UCSP) represents a unique
packaging form factor that may not perform equally to a
packaged product through traditional mechanical relia-
bility tests. CSP reliability is integrally linked to the user’s
assembly methods, circuit board material, and usage
environment. The user should closely review these areas
when considering use of a CSP package. Performance
through Operating Life Test and Moisture Resistance
remains uncompromised as it is primarily determined by
the wafer-fabrication process.
Mechanical stress performance is a greater considera-
tion for a CSP package. CSPs are attached through
direct solder contact to the user’s PC board, foregoing
the inherent stress relief of a packaged product lead
frame. Solder joint contact integrity must be considered.
Information on Maxim’s qualification plan, test data, and
recommendations are detailed in the UCSP application
note, which can be found on Maxim’s website at
www.maxim-ic.com.
2.5
Ω, Low-Voltage, SPST/SPDT
Analog Switches in UCSP Package
6
_______________________________________________________________________________________
Test Circuits/Timing Diagrams
tr < 5ns
tf < 5ns
50%
0
LOGIC
INPUT
RL
50
COM_
GND
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VN_
(
RL
)
RL + RON
VIN_
V+
tOFF
0
NO_
OR NC
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
V+
VOUT
MAX4686
MAX4687
MAX4688
50%
V+
0
LOGIC
INPUT
VOUT
0.9 x VOUT
tD
LOGIC
INPUT
RL
300
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO_
IN_
NC_
VOUT
V+
V+
CL
35pF
VN_
COM_
MAX4688
tr < 5ns
tf < 5ns
Figure 2. Switching Time
Figure 3. Break-Before-Make Interval (MAX4688 only)


Similar Part No. - MAX4687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX468 MAXIM-MAX468 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680CAE MAXIM-MAX4680CAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680CPE MAXIM-MAX4680CPE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680CWE MAXIM-MAX4680CWE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com