Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4686 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4686
Description  2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4686 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4686 Datasheet HTML 1Page - Maxim Integrated Products MAX4686 Datasheet HTML 2Page - Maxim Integrated Products MAX4686 Datasheet HTML 3Page - Maxim Integrated Products MAX4686 Datasheet HTML 4Page - Maxim Integrated Products MAX4686 Datasheet HTML 5Page - Maxim Integrated Products MAX4686 Datasheet HTML 6Page - Maxim Integrated Products MAX4686 Datasheet HTML 7Page - Maxim Integrated Products MAX4686 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX4686/MAX4687/MAX4688 low on-resistance
(RON), low-voltage analog switches operate from a sin-
gle +1.8V to +5.5V supply. The MAX4686/MAX4687 are
single-pole/single-throw (SPST) analog switches, and
the MAX4688 is a single-pole/double-throw (SPDT) ana-
log switch. The MAX4686 is a normally open (NO)
switch, and the MAX4687 is a normally closed (NC)
switch. The MAX4688 has one normally open (NO)
switch and one normally closed (NC) switch.
When powered from a 3V supply these devices feature
2.5
Ω (max) RON, with 0.4Ω (max) RON matching and 1Ω
(max) flatness. The MAX4686/MAX4687/MAX4688 offer
fast switching speeds (tON = 30ns max, tOFF = 12ns
max). The MAX4688 offers break-before-make action.
The digital logic inputs are 1.8V logic compatible from a
+2.7V to +3.3V supply. The MAX4686/MAX4687/
MAX4688 are available in the chip-scale package
(UCSP™), significantly reducing the required PC board
area. The chip occupies only a 1.50mm x 1.02mm area.
The 3 x 2 array of solder bumps are spaced with a
0.5mm bump pitch.
________________________Applications
MP3 Players
Cellular Phones
Power Routing
Battery-Operated Equipment
Relay Replacement
Audio and Video Signal Routing
Communications Circuits
PCMCIA Cards
Cellular Phones
Hard Drives
Features
o 6-Bump, 0.5mm Pitch, UCSP
o RON
2.5
Ω max (+3V Supply)
10
Ω max (+1.8V Supply)
o 0.4Ω max RON Match Between Channels
o 1Ω max RON Flatness Over Signal Range
o Low Leakage Currents Over Temperature
0.5nA (max) at TA = +25°C
o Fast Switching: tON = 30ns, tOFF = 12ns
o Guaranteed Break-Before-Make (MAX4688)
o +1.8V to +5.5V Single-Supply Operation
o Rail-to-Rail® Signal Handling
o Low Crosstalk: -95dB (100kHz)
o High Off-Isolation: -90dB (100kHz)
o 1.8V Logic Compatible
2.5
Ω, Low-Voltage, SPST/SPDT
Analog Switches in UCSP Package
________________________________________________________________ Maxim Integrated Products
1
IN
COM
GND
NO
V+
TOP VIEW
IN
NC
GND
NO
COM
V+
MAX4688
SPDT
IN
COM
GND
NC
V+
MAX4687
SPST NC
MAX4686
SPST NO
MAX4686/MAX4687/MAX4688
IN
0
1
NO
OFF
ON
NC
ON
OFF
B3
I.C.
B1
A3
A2
A1
B2
B3
B1
A3
A2
A1
B2
I.C.
B3
B1
A3
A2
A1
B2
SWITCHES SHOWN FOR LOGIC "0"
Pin Configurations/Functional Diagrams/Truth Table
19-2042; Rev 1; 2/03
Ordering Information
PART
TEMP
RANGE
BUMP-
PACKAGE
TOP
MARK
MAX4686EBT-T
-40°C to +85°C
6 UCSP-6
AAI
MAX4687EBT-T
-40°C to +85°C
6 UCSP-6
AAJ
MAX4688EBT-T
-40°C to +85°C
6 UCSP-6
AAK
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4686

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX468 MAXIM-MAX468 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680CAE MAXIM-MAX4680CAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680CPE MAXIM-MAX4680CPE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680CWE MAXIM-MAX4680CWE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4686

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com