Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L1624DTL-CLB3 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M368L1624DTL-CLB3
Description  16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L1624DTL-CLB3 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M368L1624DTL-CLB3 Datasheet HTML 4Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 5Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 6Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 7Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 8Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 9Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 10Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 11Page - Samsung semiconductor M368L1624DTL-CLB3 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
184pin Unbuffered DDR SDRAM MODULE
M368L1624DTL
Rev. 0.1 May. 2002
1. Maximum burst refresh cycle : 8
2. The specific requirement is that DQS be valid(High or Low) on or before this CK edge. The case shown(DQS going from
High_Z to logic Low) applies when no writes were previously in progress on the bus. If a previous write was in progress,
DQS could be High at this time, depending on tDQSS.
3. The maximum limit for this parameter is not a device limit. The device will operate with a great value for this parameter,
but system performance (bus turnaround) will degrade accordingly.
4. A write command can be applied with tRCD satisfied after this command.
5. For registered DIMMs, tCL and tCH are
≥ 45% of the period including both the half period jitter (t JIT(HP)) of the PLL and the half period
jitter due to crosstalk (tJIT(crosstalk) ) on the DIMM.
6. Input Setup/Hold Slew Rate Derating
This derating table is used to increase tIS/tIH in the case where the input slew rate is below 0.5V/ns. Input setup/hold slew rate
based on the lesser of AC-AC slew rate and DC-DC slew rate.
7. I/O Setup/Hold Slew Rate Derating
This derating table is used to increase tDS/tDH in the case where the I/O slew rate is below 0.5V/ns. I/O setup/hold slew rate
based on the lesser of AC-AC slew rate and DC-DC slew rate.
Parameter
Symbol
-TCB3
(DDR333)
-TCA2
(DDR266A)
-TCB0
(DDR266B)
Unit
Note
Min
Max
Min
Max
Min
Max
Mode register set cycle time
tMRD
12
15
15
ns
DQ & DM setup time to DQS
tDS
0.45
0.5
0.5
ns
7,8,9
DQ & DM hold time to DQS
tDH
0.45
0.5
0.5
ns
7,8,9
Control & Address input pulse width
tIPW
2.2
2.2
2.2
ns
DQ & DM input pulse width
tDIPW
1.75
1.75
1.75
ns
Power down exit time
tPDEX
6
7.5
7.5
ns
Exit self refresh to non-Read command
tXSNR
75
75
75
ns
4
Exit self refresh to read command
tXSRD
200
200
200
tCK
Refresh interval time
tREFI
7.8
7.8
7.8
us
1
Output DQS valid window
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-
ns
5
Clock half period
tHP
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
ns
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
DQS write postamble time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
3
Active to Read with Auto precharge
command
tRAP
20
20
20
Autoprecharge write recovery +
Precharge time
tDAL
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
tCK
11
Input Setup/Hold Slew Rate
∆tIS
∆tIH
(V/ns)
(ps)
(ps)
0.5
0
0
0.4
+50
+50
0.3
+100
+100
I/O Setup/Hold Slew Rate
∆tDS
∆tDH
(V/ns)
(ps)
(ps)
0.5
0
0
0.4
+75
+75
0.3
+150
+150


Similar Part No. - M368L1624DTL-CLB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-CCC SAMSUNG-M368L1624DTM-CCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-CCC/C4 SAMSUNG-M368L1624DTM-CCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-LCC SAMSUNG-M368L1624DTM-LCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-LCC/C4 SAMSUNG-M368L1624DTM-LCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L1624DTL-CLB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
logo
Samsung semiconductor
K4X56163P-L SAMSUNG-K4X56163P-L Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
logo
Hanbit Electronics Co.,...
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com