Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L1624DTL Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M368L1624DTL
Description  16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L1624DTL Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M368L1624DTL Datasheet HTML 2Page - Samsung semiconductor M368L1624DTL Datasheet HTML 3Page - Samsung semiconductor M368L1624DTL Datasheet HTML 4Page - Samsung semiconductor M368L1624DTL Datasheet HTML 5Page - Samsung semiconductor M368L1624DTL Datasheet HTML 6Page - Samsung semiconductor M368L1624DTL Datasheet HTML 7Page - Samsung semiconductor M368L1624DTL Datasheet HTML 8Page - Samsung semiconductor M368L1624DTL Datasheet HTML 9Page - Samsung semiconductor M368L1624DTL Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
184pin Unbuffered DDR SDRAM MODULE
M368L1624DTL
Rev. 0.1 May. 2002
DDR SDRAM module IDD spec table
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Unit
Notes
IDD0
360
320
320
mA
IDD1
500
460
460
mA
IDD2P
12
12
12
mA
IDD2F
100
80
80
mA
IDD2Q
80
72
72
mA
IDD3P
140
120
120
mA
IDD3N
220
180
180
mA
IDD4R
800
680
680
mA
IDD4W
760
620
620
mA
IDD5
720
660
660
mA
IDD6
Normal
12
12
12
mA
Low power
6
6
6
mA
Optional
IDD7A
1400
1200
1200
mA
AC Operating Conditions
Parameter/Condition
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
3
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL(AC)
VREF - 0.31
V
3
Input Differential Voltage, CK and CK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note 1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of VIX is expected to equal 0.5*V DDQ of the transmitting device and must track variations in the DC level of the same.
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the pad in simula-
tion. the AC and DC input specificatims are refation to a Vref envelope that has been bandwidth limited 20MHz.
AC OPERATING TEST CONDITIONS (VDD=2.5V, VDDQ=2.5V, T A= 0 to 70
°C)
Parameter
Value
Unit
Note
Input reference voltage for Clock
0.5 * V DDQ
V
Input signal maximum peak swing
1.5
V
Input Levels(VIH/VIL)
VREF+0.3 1/VREF-0.3 1
V
Input timing measurement reference level
VREF
V
Output timing measurement reference level
Vtt
V
Output load condition
See Load Circuit


Similar Part No. - M368L1624DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-CCC SAMSUNG-M368L1624DTM-CCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-CCC/C4 SAMSUNG-M368L1624DTM-CCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-LCC SAMSUNG-M368L1624DTM-LCC Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L1624DTM-LCC/C4 SAMSUNG-M368L1624DTM-LCC/C4 Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L1624DTL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
M366S1654CTS SAMSUNG-M366S1654CTS Datasheet
173Kb / 11P
   16Mx64 SDRAM DIMM based on 16Mx16, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
logo
Samsung semiconductor
K4X56163P-L SAMSUNG-K4X56163P-L Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
logo
Hanbit Electronics Co.,...
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com