Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM27V1655CZ Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM27V1655CZ
Description  524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27V1655CZ Datasheet(HTML) 2 Page - OKI electronic componets

  MSM27V1655CZ Datasheet HTML 1Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 2Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 3Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 4Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 5Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 6Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 7Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 8Page - OKI electronic componets MSM27V1655CZ Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PIN CONFIGURATION (TOP VIEW)
MSM27V1655CZ
PIN NAMES
FUNCTIONS
D31/A-1
Data output / Address input
A0 - A18
Address input
D0 - D30
Data output
CE
OE
Output enable
VCC
Power supply voltage
WORD
Mode switch
Chip enable
VSS
GND
56
A3
D28
D12
D11
D26
D10
VSS
VCC
D25
D24
D8
VCC
NC
A18
A17
A16
A15
A14
A13
D27
55
54
53
4
5
6
7
52
51
50
49
8
9
10
11
48
47
46
45
12
13
14
15
44
43
42
41
16
17
18
19
40
39
38
37
20
21
22
23
36
24
D13
A4
A5
D0
D16
D1
D17
VSS
VCC
D2
D18
D3
D19
D4
D20
D5
D21
VSS
VCC
D6
59
A0
VCC
58
1
2
VSS
A1
A2
57
3
70-pin SSOP , TSOP
D29
60 D14
61 D30
62 D15
63 D31/A-1
64 VSS
65 CE
66 OE
67 WORD
68 NC
69 NC
70 VPP
25
D22
26
D7
27
D23
28
VSS
29
A6
30
A7
31
A8
32
A9
33
A10
34
A11
35
A12
NC
Non connection
VPP
Program power supply voltage
VCC
D9


Similar Part No. - MSM27V1655CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27V3255CZ OKI-MSM27V3255CZ Datasheet
100Kb / 13P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
More results

Similar Description - MSM27V1655CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C1655CZ OKI-MSM27C1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MR27V3255D OKI-MR27V3255D Datasheet
56Kb / 10P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
MSM27C3255CZ OKI-MSM27C3255CZ Datasheet
91Kb / 12P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27V3255CZ OKI-MSM27V3255CZ Datasheet
100Kb / 13P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com