Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1247A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1247A
Description  SAW Filter 180MHz 10MHz BW (SMD 13.3횞6.5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1247A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1247A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1247A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1247A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1247A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1247A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1247A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1247A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
2. TAPE DIMENSION
H. RECOMMENDED REFLOW PROFILE:
1. Preheating shall be fixed at 150~180
for 60~90 seconds.
2. Ascending time to preheating temperature 150
shall be 30 seconds min.
3. Heating shall be fixed at 220
for 50~80 seconds and at 260
+0/
-5
peak (20~40sec).
4. Time: 2 times.


Similar Part No. - TB1247A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
   SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
logo
Toshiba Semiconductor
TB1240AN TOSHIBA-TB1240AN Datasheet
2Mb / 85P
   PAL/NTSC 1CHIP (IF VCD RPOCESSOR) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1241A TAI-SAW-TB1241A Datasheet
381Kb / 8P
   SAW Filter 615MHz 60MHz BW (SMD 5.0횞5.0 mm)
TB1242A TAI-SAW-TB1242A Datasheet
352Kb / 7P
   SAW Filter 165MHz 13.5MHz BW (SMD 13.3횞6.5 mm)
TB1244A TAI-SAW-TB1244A Datasheet
136Kb / 5P
   SAW Filter 69.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
More results

Similar Description - TB1247A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1248A TAI-SAW-TB1248A Datasheet
353Kb / 7P
   SAW Filter 180MHz 5MHz BW (SMD 13.3횞6.5 mm)
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
   SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
TB0479A TAI-SAW-TB0479A Datasheet
362Kb / 6P
   SAW Filter 96MHz 1.6MHz BW (SMD 13.3횞6.5 mm)
TB1046A TAI-SAW-TB1046A Datasheet
345Kb / 7P
   SAW Filter 304MHz 4MHz BW (SMD 13.3횞6.5 mm)
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
   SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB1154A TAI-SAW-TB1154A Datasheet
144Kb / 7P
   SAW Filter 148MHz 21.59MHz BW (SMD 13.3횞6.5 mm)
TB1188A TAI-SAW-TB1188A Datasheet
231Kb / 10P
   SAW Filter 241MHz 0.2MHz BW (SMD 13.3횞6.5 mm)
TB1235A TAI-SAW-TB1235A Datasheet
351Kb / 7P
   SAW Filter 120MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
TB0885A TAI-SAW-TB0885A Datasheet
305Kb / 7P
   SAW Filter 77.5MHz 1MHz BW (SMD 13.3횞6.5 mm)
TB1093A TAI-SAW-TB1093A Datasheet
141Kb / 7P
   SAW Filter 181MHz 50MHz BW (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com