Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1245A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1245A
Description  SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1245A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1245A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1245A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. FREQUENCY CHARACTERISTICS:
(1) Wide Band Response:
Fig1.
Horizontal: 10MHz/Div
Vertical: 10dB/Div
(2) Pass Band Response and Group Time Delay Response:
Fig2.
Horizontal: 1MHz/Div
Vertical: 1dB/Div
Vertical: 100ns/Div


Similar Part No. - TB1245A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1245N TOSHIBA-TB1245N Datasheet
1Mb / 101P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TB1245A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1244A TAI-SAW-TB1244A Datasheet
136Kb / 5P
   SAW Filter 69.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
TB1203A TAI-SAW-TB1203A Datasheet
210Kb / 7P
   SAW Filter 63.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB0894A TAI-SAW-TB0894A Datasheet
284Kb / 5P
   SAW Filter 106MHz 15MHz BW (Dip 22횞12.5 mm)
TB0895A TAI-SAW-TB0895A Datasheet
277Kb / 5P
   SAW Filter 140MHz 51MHz BW (Dip 22횞12.6 mm)
TB1132A TAI-SAW-TB1132A Datasheet
226Kb / 8P
   47.25 MHz 6.2MHz BW 13.8x4.6mm Plastic DIP SAW IF Filter
TB0821A TAI-SAW-TB0821A Datasheet
520Kb / 5P
   SAW Filter 140 MHz(BW=0.2MHz) DIP 35.0mmx12.8mm
TB0810A TAI-SAW-TB0810A Datasheet
487Kb / 6P
   SAW Filter 140 MHz(BW=14.0MHz) DIP 27.0mmx12.8mm
TB0811A TAI-SAW-TB0811A Datasheet
361Kb / 6P
   SAW Filter 160 MHz(BW=4.0MHz) DIP 35.0mmx12.8mm
TB0941A TAI-SAW-TB0941A Datasheet
412Kb / 6P
   SAW Filter 70 MHz(BW=3.2MHz) DIP 35.0mmx12.8mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com