Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5827 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # 2SC5827
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5827 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button 2SC5827 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5827 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2SC5827
Rev.0, Nov. 2001, page 10 of 10
Disclaimer
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi’s or any third party’s patent,
copyright, trademark, or other intellectual property rights for information contained in this document.
Hitachi bears no responsibility for problems that may arise with third party’s rights, including
intellectual property rights, in connection with use of the information contained in this document.
2. Products and product specifications may be subject to change without notice. Confirm that you have
received the latest product standards or specifications before final design, purchase or use.
3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However,
contact Hitachi’s sales office before using the product in an application that demands especially high
quality and reliability or where its failure or malfunction may directly threaten human life or cause risk
of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation,
traffic, safety equipment or medical equipment for life support.
4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly
for maximum rating, operating supply voltage range, heat radiation characteristics, installation
conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used
beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable
failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-
safes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other
consequential damage due to operation of the Hitachi product.
5. This product is not designed to be radiation resistant.
6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without
written approval from Hitachi.
7. Contact Hitachi’s sales office for any questions regarding this document or Hitachi semiconductor
products.
Sales Offices
Hitachi, Ltd.
Semiconductor & Integrated Circuits
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Tel: (03) 3270-2111 Fax: (03) 3270-5109
Copyright © Hitachi, Ltd., 2001. All rights reserved. Printed in Japan.
Hitachi Asia Ltd.
Hitachi Tower
16 Collyer Quay #20-00
Singapore 049318
Tel : <65>-538-6533/538-8577
Fax : <65>-538-6933/538-3877
URL : http://semiconductor.hitachi.com.sg
URL
http://www.hitachisemiconductor.com/
Hitachi Asia Ltd.
(Taipei Branch Office)
4/F, No. 167, Tun Hwa North Road
Hung-Kuo Building
Taipei (105), Taiwan
Tel : <886>-(2)-2718-3666
Fax : <886>-(2)-2718-8180
Telex : 23222 HAS-TP
URL : http://www.hitachi.com.tw
Hitachi Asia (Hong Kong) Ltd.
Group III (Electronic Components)
7/F., North Tower
World Finance Centre,
Harbour City, Canton Road
Tsim Sha Tsui, Kowloon Hong Kong
Tel : <852>-(2)-735-9218
Fax : <852>-(2)-730-0281
URL : http://semiconductor.hitachi.com.hk
Hitachi Europe GmbH
Electronic Components Group
Dornacher Straße 3
D-85622 Feldkirchen
Postfach 201, D-85619 Feldkirchen
Germany
Tel: <49> (89) 9 9180-0
Fax: <49> (89) 9 29 30 00
Hitachi Europe Ltd.
Electronic Components Group
Whitebrook Park
Lower Cookham Road
Maidenhead
Berkshire SL6 8YA, United Kingdom
Tel: <44> (1628) 585000
Fax: <44> (1628) 585200
Hitachi Semiconductor
(America) Inc.
179 East Tasman Drive
San Jose,CA 95134
Tel: <1> (408) 433-1990
Fax: <1>(408) 433-0223
For further information write to:
Colophon 5.0


Similar Part No. - 2SC5827

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
   Switching Regulator Applications
logo
Rohm
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
135Kb / 4P
   Power transistor (60V, 3A)
2SC5824 ROHM-2SC5824 Datasheet
940Kb / 4P
   Power transistor (60V, 3A)
More results

Similar Description - 2SC5827

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
logo
Renesas Technology Corp
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
   Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5555 RENESAS-2SC5555 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com